Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR1117AS5X Datasheet(PDF) 8 Page - Leshan Radio Company

Part # LR1117AS5X
Description  1A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1117AS5X Datasheet(HTML) 8 Page - Leshan Radio Company

  LR1117AS5X Datasheet HTML 1Page - Leshan Radio Company LR1117AS5X Datasheet HTML 2Page - Leshan Radio Company LR1117AS5X Datasheet HTML 3Page - Leshan Radio Company LR1117AS5X Datasheet HTML 4Page - Leshan Radio Company LR1117AS5X Datasheet HTML 5Page - Leshan Radio Company LR1117AS5X Datasheet HTML 6Page - Leshan Radio Company LR1117AS5X Datasheet HTML 7Page - Leshan Radio Company LR1117AS5X Datasheet HTML 8Page - Leshan Radio Company LR1117AS5X Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Mechanical Dimensions (continued)
3-Lead TO-252 Package
D
D1
GAGE PLANE
NOTES: UNLESS OTHERWISE SPECIFIED
A)
ALL DIMENSIONS ARE IN MILLIMETERS.
B)
THIS PACKAGE CONFORMS TO JEDEC, TO-252,
ISSUE C. VARIATION AA & AB, DATED NOV. 1999.
C)
DIMENSIONING AND TOLERANCING PER
ASME Y14.5–1994.
D)
HEAT SINK TOP EDGE COULD BE IN CHAMFERED
CORNERS OR EDGE PROTRUSION.
E)
DIMENSIONS L3, D, E1 & D1 TABLE:
OPTION AA OPTION AB
0.89 – 1.27
1.52 – 2.03
5.97 – 6.22
5.33 – 5.59
4.32 MIN
3.81 MIN
5.21 MIN
L3
D
E1
D1
4.57 MIN
0.51
SEATING PLANE
DETAIL A
(1.54)
1.78
1.40
0.61
0.48
10
°
0
°
0.127 MAX
(ROTATED –90
°
SCALE 12X
E1
L3
1
1
2
3
1
2
3
4
3
4
6.73
6.35
1.02
0.84
6.25
6.00 MIN
6.50 MIN
4.80
2.38
2.18
0.58
0.48
0.10
B
10.41
9.40
SEE
DETAIL A
3.00 MIN
1.40 MIN
LAND PATTERN RECOMMENDATION
1.14
0.78
0.89
0.54
SEE
NOTE D
(0.59)
2.29
5.46
5.21
4.57
0.25
A
C
MM
2.90
2.30
C
A
B
8/9
LESHAN RADIO COMPANY, LTD.
LR1117A


Similar Part No. - LR1117AS5X

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
   Fixed Low Dropout Linear Regulator
More results

Similar Description - LR1117AS5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com