Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNX38 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # CNX38
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNX38 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  CNX38 Datasheet HTML 1Page - Fairchild Semiconductor CNX38 Datasheet HTML 2Page - Fairchild Semiconductor CNX38 Datasheet HTML 3Page - Fairchild Semiconductor CNX38 Datasheet HTML 4Page - Fairchild Semiconductor CNX38 Datasheet HTML 5Page - Fairchild Semiconductor CNX38 Datasheet HTML 6Page - Fairchild Semiconductor CNX38 Datasheet HTML 7Page - Fairchild Semiconductor CNX38 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ
Max
Units
CNX35U
40
160
IF = 10 mA, VCE = 0.4 V
CNX39U
60
100
Output/Input Current Transfer Ratio
CNX36U
80
200
I
F = 10 mA, VCE = 10 V
CTR
CNX38U
70
210
%
I
F = 16 mA, VCE = 0.4 V
50
I
F = 2 mA, VCE = 5 V
All
15
IF = 10 mA, IC = 2 mA
CNX35U, CNX39U
0.15
0.4
Collector-Emitter Saturation Voltage
I
F = 10 mA, IC = 4 mA
VCE(SAT)
CNX36U
0.19
0.4
V
I
F = 16 mA, IC = 2 mA
CNX38U
0.2
0.4
AC Characteristics
Test Conditions
Symbol
Device
Min
Typ
Max
Units
Non-Saturated Switching Times
CNX35U
20
Turn-On Time
RL = 100 Ω, IC = 2 mA, VCC = 5 V
ton
CNX39U
20
µs
See Fig. 1 and Fig. 2
CNX36U
20
RL = 100 Ω, IC = 4 mA, VCC = 5 V
CNX38U
20
CNX35U
20
Turn-Off Time
RL = 100 Ω, IC = 2 mA, VCC = 5 V
toff
CNX39U
20
µs
See Fig. 1 and Fig. 2
CNX36U
20
RL = 100 Ω, IC = 4 mA, VCC = 5 V
CNX38U
20
Saturated Switching Times
CNX35U
50
Turn-On Time
RL = 1 kΩ, IC = 2 mA, VCC = 5 V
ton
CNX39U
50
µs
See Fig. 1 and Fig. 2
CNX36U
50
RL = 1 kΩ, IC = 4 mA, VCC = 5 V
CNX38U
50
CNX35U
50
Turn-Off Time
RL = 1 kΩ, IC = 2 mA, VCC = 5 V
toff
CNX39U
50
µs
See Fig. 1 and Fig. 2
CNX36U
50
RL = 1 kΩ, IC = 4 mA, VCC = 5 V
CNX38U
50
TRANSFER CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
DS300401
5/23/01
3 OF 8
www.fairchildsemi.com
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
CNX35U CNX36U CNX38U
CNX39U


Similar Part No. - CNX38

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNX3000 ETC-CNX3000 Datasheet
2Mb / 7P
   Fluke CNX3000 Series Test Tools
logo
Visual Communications C...
CNX310056E4108 VCC-CNX310056E4108 Datasheet
77Kb / 1P
   CNX 310 XXX CABLE ASSEMBLY
logo
List of Unclassifed Man...
CNX35 ETC-CNX35 Datasheet
513Kb / 3P
   OPTICALLY COUPLED ISOLATORS
CNX36 ETC-CNX36 Datasheet
513Kb / 3P
   OPTICALLY COUPLED ISOLATORS
CNX39 ETC-CNX39 Datasheet
513Kb / 3P
   OPTICALLY COUPLED ISOLATORS
More results

Similar Description - CNX38

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com