Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZV07D271 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERZV07D271
Description  ZNR Transient/Surge Absorbers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV07D271 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERZV07D271 Datasheet HTML 1Page - Panasonic Semiconductor ERZV07D271 Datasheet HTML 2Page - Panasonic Semiconductor ERZV07D271 Datasheet HTML 3Page - Panasonic Semiconductor ERZV07D271 Datasheet HTML 4Page - Panasonic Semiconductor ERZV07D271 Datasheet HTML 5Page - Panasonic Semiconductor ERZV07D271 Datasheet HTML 6Page - Panasonic Semiconductor ERZV07D271 Datasheet HTML 7Page - Panasonic Semiconductor ERZV07D271 Datasheet HTML 8Page - Panasonic Semiconductor ERZV07D271 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 303 –
Reference Guide to Standard Products
✽ Measuring Current of Varistor Voltage 5 Series : 0.1 mA, Others: 1 mA
Part No.
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
@8/20µs
Maximum
Energy
(J)
Maximum
Peak Current
@8/20µs(A)
Recommended Applications
(V)
ACrms (V) DC (V)
max.(V)
Ip (A) 10/1000 µs 2 ms
1 time 2 times
ERZV05D391
390
(351–429)
250
320
675
5
17
12
800
600
AC 100 V to 120 V, Line–Line
Applications
Telephone Line Applications,
(250 V Insulation Resistance
Test Applicable)
ERZV07D391
650
10
35
25
1750
1250
ERZV09D391
650
25
70
50
3500
2500
ERZV10D391
650
25
70
50
3500
2500
ERZV14D391
650
50
140
1006000
4500
ERZV20D391
650100
275
195
10000
6500
ERZV05D431
430
(387–473)
275
350
745
5
20
13.5
800
600
AC 100 V to 220 V, Line–Line
and
AC 100 V to 220 V,
Line–Ground Applications
ERZV07D431
710
10
40
27.5
1750
1250
ERZV09D431
710
25
80
55
3500
2500
ERZV10D431
710
25
80
55
3500
2500
ERZV14D431
710
50
155
1106000
4500
ERZV20D431
710100
303
215
10000
6500
ERZV05D471
470
(423–517)
300
385
810
5
21
15
800
600
AC 100 V to 220 V, Line–Line
and
AC 100 V to 220 V,
Line–Ground Applications
ERZV07D471
775
10
42
30
1750
1250
ERZV09D471
775
25
85
60
3500
2500
ERZV10D471
775
25
85
60
3500
2500
ERZV14D471
775
50
175
1256000
4500
ERZV20D471
775100
350
250
10000
6500
ERZV07D511
510
(459–561)
320
410
845
10
45
32
1750
1250
AC 100 to 240 V, Line–Line
Applications
AC 100 to 240 V, Line–Ground
Applications
ERZV09D511
845
25
92
67
3500
2500
ERZV10D511
845
25
92
67
3500
2500
ERZV14D511
845
50
190
1366000
4500
ERZV20D511
845100
382
273
10000
6500
ERZV10D621
620
(558–682)
385
505
1025
25
92
67
3500
2500
ERZV14D621
1025
50
190
136
5000
4500
ERZV20D621
1025
100
382
273
7500
6500
ERZV10D681
680
(612–748)
420
560
1120
25
92
67
3500
2500
ERZV14D681
1120
50
190
136
5000
4500
ERZV20D681
1120
100
382
2737500
6500
ERZV10D751
750
(675–825)
460
615
1240
25
100
703500
2500
AC 380 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZV14D751
1240
50
210
150
5000
4500
ERZV20D751
1240
100
420
3007500
6500
ERZV10D821
820
(738–902)
510
670
1355
25
110
803500
2500
ERZV14D821
1355
50
235
165
5000
4500
ERZV20D821
1355
100
460
3257500
6500
ERZV10D911
910
(819–1001)
550
745
1500
25
130
903500
2500
AC 415 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZV14D911
1500
50
255
180
5000
4500
ERZV20D911
1500
100
510
360
75006500
ERZV10D102
1000
(900–1100)
625
825
1650
25
140
100
3500
2500
AC 480 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZV14D102
1650
50
280
200
5000
4500
ERZV20D102
1650
100
565
4007500
6500
ERZV10D112
1100
(990–1210)
680
895
1815
25
155
110
3500
2500
ERZV14D112
1815
50
310
220
5000
4500
ERZV20D112
1815
100
620
4407500
6500
ERZV10D182CS
1800
(1700–1980)
1000
1465
2970
25
247
183
3500
2500
Line–Ground Applications
(For AC 1200 V Withstanding
Test)
ERZV14D182CS
2970
50
510
360
5000
4500
ERZV20D182
2970
100
1020
720
7500
6500
Sep. 2010
00


Similar Part No. - ERZV07D271

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV07D271 PANASONIC-ERZV07D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
logo
Vishay Siliconix
ERZV07D271 VISHAY-ERZV07D271 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZV07D271 PANASONIC-ERZV07D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV07D271 PANASONIC-ERZV07D271 Datasheet
410Kb / 23P
   ZNR Transient/Surge Absorbers (Type D)
03 Jan. 2015
ERZV07D271 PANASONIC-ERZV07D271 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results

Similar Description - ERZV07D271

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZ-V20D431 VISHAY-ERZ-V20D431 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com