Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZV05D220 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERZV05D220
Description  ZNR Transient/Surge Absorbers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV05D220 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERZV05D220 Datasheet HTML 1Page - Panasonic Semiconductor ERZV05D220 Datasheet HTML 2Page - Panasonic Semiconductor ERZV05D220 Datasheet HTML 3Page - Panasonic Semiconductor ERZV05D220 Datasheet HTML 4Page - Panasonic Semiconductor ERZV05D220 Datasheet HTML 5Page - Panasonic Semiconductor ERZV05D220 Datasheet HTML 6Page - Panasonic Semiconductor ERZV05D220 Datasheet HTML 7Page - Panasonic Semiconductor ERZV05D220 Datasheet HTML 8Page - Panasonic Semiconductor ERZV05D220 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 302 –
Reference Guide to Standard Products
Part No.
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
@8/20µs
Maximum
Energy
(J)
Maximum
Peak Current
@8/20µs(A)
Recommended Applications
(V)
ACrms (V) DC (V)
max.(V)
Ip (A) 10/1000 µs 2 ms
1 time 2 times
ERZV05D101
100
(90–110)
60
85
175
5
4
3
800
600
Telephone, Communication Line
(DC 48 V)
ERZV07D101
165
10
8.5
6
1750
1250
ERZV09D101
165
25
17
12
3500
2500
ERZV10D101
165
25
17
12
3500
2500
ERZV14D101
165
50
35
25
6000
5000
ERZV20D101
165100
70
50
10000
7000
ERZV05D121
120
(108–132)
75
100
210
5
5
3.5
800
600
ERZV07D121
200
10
10
7
1750
1250
ERZV09D121
200
25
20
14.5
3500
2500
ERZV10D121
200
25
20
14.5
3500
2500
ERZV14D121
200
50
42
30
6000
5000
ERZV20D121
200100
85
60
10000
7000
ERZV05D151
150
(135–165)
95
125
260
5
6.5
4.5
800
600
ERZV07D151
250
10
13
9
1750
1250
ERZV09D151
250
25
25
18
3500
2500
ERZV10D151
250
25
25
18
3500
2500
ERZV14D151
250
50
53
37.5
6000
5000
ERZV20D151
250100
106
75
10000
7000
ERZV05D201
200
(185–225)
130
170
355
5
8.5
6
800
600
AC 100 V Line–Line
Applications
ERZV07D201
340
10
17.5
12.5
1750
1250
ERZV09D201
340
25
35
25
3500
2500
ERZV10D201
340
25
35
25
3500
2500
ERZV14D201
340
50
70
50
6000
5000
ERZV20D201
340100
140
100
10000
7000
ERZV05D221
220
(198–242)
140
180
380
5
9
6.5
800
600
ERZV07D221
360
10
19
13.5
1750
1250
ERZV09D221
360
25
39
27.5
3500
2500
ERZV10D221
360
25
39
27.5
3500
2500
ERZV14D221
360
50
78
55
6000
5000
ERZV20D221
360100
155
110
10000
7000
ERZV05D241
240
(216–264)
150
200
415
5
10.5
7.5
800
600
AC 100 V to 120 V, Line–Line
Applications
ERZV07D241
395
10
21
15
1750
1250
ERZV09D241
395
25
42
30
3500
2500
ERZV10D241
395
25
42
30
3500
2500
ERZV14D241
395
50
84
60
6000
5000
ERZV20D241
395100
168
120
10000
7000
ERZV05D271
270
(247–303)
175
225
475
5
11
8
800
600
ERZV07D271
455
10
24
17
1750
1250
ERZV09D271
455
25
49
35
3500
2500
ERZV10D271
455
25
49
35
3500
2500
ERZV14D271
455
50
99
70
6000
5000
ERZV20D271
455100
190
135
10000
7000
ERZV05D331
330
(297–363)
210
270
570
5
13
9.5
800
600
AC 100 V to 120 V, Line–Line
Applications
Telephone Line Applications,
(250 V Insulation Resistance
Test Applicable)
ERZV07D331
545
10
28
20
1750
1250
ERZV09D331
545
25
58
42
3500
2500
ERZV10D331
545
25
58
42
3500
2500
ERZV14D331
545
50
115
80
6000
4500
ERZV20D331
545100
228
160
10000
6500
ERZV05D361
360
(324–396)
230
300
620
5
16
11
800
600
ERZV07D361
595
10
32
23
1750
1250
ERZV09D361
595
25
65
45
3500
2500
ERZV10D361
595
25
65
45
3500
2500
ERZV14D361
595
50
130
90
6000
4500
ERZV20D361
595100
255
180
10000
6500
✽ Measuring Current of Varistor Voltage 5 Series : 0.1 mA, Others: 1 mA
Sep. 2010
00


Similar Part No. - ERZV05D220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV05D220 PANASONIC-ERZV05D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZV05D220 PANASONIC-ERZV05D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV05D220 PANASONIC-ERZV05D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV05D220 PANASONIC-ERZV05D220 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV05D220 PANASONIC-ERZV05D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results

Similar Description - ERZV05D220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZ-V20D431 VISHAY-ERZ-V20D431 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com