Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBTA14LT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBTA14LT3G
Description  Darlington Amplifier Transistors RoHS requirements.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBTA14LT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBTA14LT3G Datasheet HTML 1Page - Leshan Radio Company LMBTA14LT3G Datasheet HTML 2Page - Leshan Radio Company LMBTA14LT3G Datasheet HTML 3Page - Leshan Radio Company LMBTA14LT3G Datasheet HTML 4Page - Leshan Radio Company LMBTA14LT3G Datasheet HTML 5Page - Leshan Radio Company LMBTA14LT3G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
1
3
2
LMBTA13LT1G
2
EMITTER
3
1
BASE
SOT–23
Darlington Amplifier Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CES
30
Vdc
Collector–Base Voltage
V CBO
30
Vdc
Emitter–Base Voltage
V EBO
10
Vdc
Collector Current — Continuous
I C
300
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
LMBTA13LT1G = 1M; LMBTA14 LT1G = 1N;
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V (BR)CEO
30
Vdc
(I C = 100
µAdc, V
BE = 0)
Collector Cutoff Current
I CBO
100
nAdc
( V CB = 30Vdc, I E = 0)
Emitter Cutoff Current
I EBO
100
nAdc
( V EB = 10Vdc, I C = 0)
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
COLLECTOR
LMBTA14LT1G
LMBTA13LT1G
1M
3000/Tape & Reel
Device
Marking
Shipping
LMBTA14LT1G
1N
3000/Tape & Reel
10000/Tape & Reel
ORDERING INFORMATION
10000/Tape & Reel
LMBTA13LT3G
LMBTA14LT3G
1M
1N
We declare that the material of product
compliance with RoHS requirements.
Rev.O 1/6


Similar Part No. - LMBTA14LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA14LT1 LRC-LMBTA14LT1 Datasheet
220Kb / 6P
   Darlington Amplifier Transistors
LMBTA14LT1G LRC-LMBTA14LT1G_15 Datasheet
338Kb / 6P
   Darlington Amplifier Transistors
More results

Similar Description - LMBTA14LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT6427LT1G LRC-LMBT6427LT1G_11 Datasheet
231Kb / 6P
   Darlington Transistors NPN Silicon RoHS requirements.
LMBT6428LT1G LRC-LMBT6428LT1G_11 Datasheet
283Kb / 5P
   Amplifier Transistors NPN Silicon RoHS requirements.
LMBTA05LT1G LRC-LMBTA05LT1G_11 Datasheet
119Kb / 3P
   Driver Transistors RoHS requirements.
LMBTA06WT1G LRC-LMBTA06WT1G Datasheet
169Kb / 3P
   Driver Transistors RoHS requirements.
LMBTH10QLT1G LRC-LMBTH10QLT1G_11 Datasheet
210Kb / 5P
   VHF/UHF Transistors RoHS requirements.
LBC817-25WT1G LRC-LBC817-25WT1G Datasheet
165Kb / 3P
   General Purpose Transistors RoHS requirements.
LMBTH10WT1G LRC-LMBTH10WT1G_11 Datasheet
494Kb / 7P
   VHF/UHF Transistors RoHS requirements.
LMBT5551LT1G LRC-LMBT5551LT1G_11 Datasheet
135Kb / 5P
   High Voltage Transistors RoHS requirements.
LMBTH10LT1G LRC-LMBTH10LT1G Datasheet
209Kb / 5P
   VHF/UHF Transistors RoHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com