Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4040BCN Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CD4040BCN
Description  14-Stage Ripple Carry Binary Counters . 12-Stage Ripple Carry Binary Counters . 14-Stage Ripple Carry Binary Counters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4040BCN Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CD4040BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4040BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4040BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4040BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4040BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4040BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4040BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4040BCN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: Data does not apply to oscillator points
φ
0 and φ0 of CD4060BC. IOH and IOL are tested one output at a time.
Supply Voltage (VDD)
−0.5V to +18V
Input Voltage (VIN)
−0.5V to V
DD +0.5V
Storage Temperature Range (TS)
−65°C to +150°C
Package Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Supply Voltage (VDD)
+3V to +15V
Input Voltage (VIN)
0V to VDD
Operating Temperature Range (TA)
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V, VIN = VDD or VSS
5
5
150
µA
VDD = 10V, VIN = VDD or VSS
10
10
300
VDD = 15V, VIN = VDD or VSS
20
20
600
VOL
LOW Level Output Voltage
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
VDD = 15V
0.05
0
0.05
0.05
VOH
HIGH Level Output Voltage
VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V
9.95
9.95
10
9.95
VDD = 15V
14.95
14.95
15
14.95
VIL
LOW Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
2
1.5
1.5
V
VDD = 10V, VO = 1.0V or 9.0V
3.0
4
3.0
3.0
VDD = 15V, VO = 1.5V or 13.5V
4.0
6
4.0
4.0
VIH
HIGH Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
3
3.5
V
VDD = 10V, VO = 1.0V or 9.0V
7.0
7.0
6
7.0
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
9
11.0
IOL
LOW Level Output Current
VDD = 5V, VO = 0.4V
0.64
0.51
0.88
0.36
mA
(Note 3)
VDD = 10V, VO = 0.5V
1.6
1.3
2.25
0.9
VDD = 15V, VO = 1.5V
4.2
3.4
8.8
2.4
IOH
HIGH Level Output Current
VDD = 5V, VO = 4.6V
−0.64
−0.51
−0.88
−0.36
mA
(Note 3)
VDD = 10V, VO = 9.5V
−1.6
−1.3
−2.25
−0.9
VDD = 15V, VO = 13.5V
−4.2
−3.4
−8.8
−2.4
IIN
Input Current
VDD = 15V, VIN = 0V
−0.1
−10−5
−0.1
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.1
1.0


Similar Part No. - CD4040BCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4040BCN NSC-CD4040BCN Datasheet
136Kb / 6P
   14-Stage, 12-Stage Ripple Carry Binary Counters
logo
List of Unclassifed Man...
CD4040BCN ETC2-CD4040BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CD4040BCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4060BC NSC-CD4060BC Datasheet
136Kb / 6P
   14-Stage Ripple Carry Binary Counters
CD4020BM NSC-CD4020BM Datasheet
136Kb / 6P
   14-Stage, 12-Stage Ripple Carry Binary Counters
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
logo
Toshiba Semiconductor
TC74VHC4040F TOSHIBA-TC74VHC4040F_07 Datasheet
269Kb / 11P
   12-Stage Ripple Carry Binary Counter
logo
List of Unclassifed Man...
IW4020B ETC1-IW4020B Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
Toshiba Semiconductor
TC4020BP TOSHIBA-TC4020BP Datasheet
265Kb / 7P
   14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
TC74VHC4040F TOSHIBA-TC74VHC4040F Datasheet
248Kb / 7P
   12-STAGE RIPPLE-CARRY BINARY COUNTER
TC74VHC4040F TOSHIBA-TC74VHC4040F_12 Datasheet
228Kb / 10P
   12-Stage Ripple Carry Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com