Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT6427LT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMBT6427LT1G
Description  Darlington Transistors NPN Silicon RoHS requirements.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT6427LT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMBT6427LT1G_11 Datasheet HTML 1Page - Leshan Radio Company LMBT6427LT1G_11 Datasheet HTML 2Page - Leshan Radio Company LMBT6427LT1G_11 Datasheet HTML 3Page - Leshan Radio Company LMBT6427LT1G_11 Datasheet HTML 4Page - Leshan Radio Company LMBT6427LT1G_11 Datasheet HTML 5Page - Leshan Radio Company LMBT6427LT1G_11 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
T J = 25°C
SMALL–SIGNAL CHARACTERISTICS
V R , REVERSE VOLTAGE (VOLTS)
Figure 6. Capacitance
I C , COLLECTOR CURRENT (mA)
Figure 10. “On” Voltages
I C , COLLECTOR CURRENT (mA)
Figure 7. High Frequency Current Gain
I C , COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
I B , BASE CURRENT (
µA)
Figure 9. Collector Saturation Region
I C , COLLECTOR CURRENT (mA)
Figure 11. Temperature Coefficients
C ibo
C obo
V CE = 5.0 V
f = 100 MHz
T J = 25°C
T J = 125°C
25°C
–55°C
V CE = 5.0 V
T J = 25°C
I C = 10 mA
50 mA
250 mA
500 mA
V BE(sat) @ I C /I B = 1000
T J = 25°C
V BE(on) @ V CE = 5.0 V
V CE(sat) @ I C /I B = 1000
25°C TO 125°C
–55°C TO 25°C
*R θVC FOR V CE(sat)
θ
VB FOR V BE
25°C TO 125°C
–55°C TO 25°C
*APPLIES FOR I C / I B < h FE /3.0
0.04
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
20
10
7.0
5.0
3.0
2.0
0.1
0.2
0.5
1.0 2.0
5.0
10
20
50
100 200
500 1000
3.0
2.5
2.0
1.5
1.0
0.5
0.5
1.0
2.0
5.0
10
20
50
100
200
500
4.0
2.0
1.0
0.8
0.6
0.4
0.2
5.0
7.0
10
20
30
50
70
100
200
300
500
200
100
70
50
30
20
10
7.0
5.0
3.0
2.0
5.0
7.0
10
20
30
50
70
100
200
300
500
1.6
1.4
1.2
1.0
0.8
0.6
5.0
7.0
10
20
30
50
70
100
200
300
500
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
LMBT6427LT1G
Rev.O 4/6


Similar Part No. - LMBT6427LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT6427LT1G LRC-LMBT6427LT1G_15 Datasheet
243Kb / 6P
   Darlington Transistors
More results

Similar Description - LMBT6427LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA13LT1G LRC-LMBTA13LT1G Datasheet
301Kb / 6P
   Darlington Amplifier Transistors RoHS requirements.
LMBT6428LT1G LRC-LMBT6428LT1G_11 Datasheet
283Kb / 5P
   Amplifier Transistors NPN Silicon RoHS requirements.
LMBT2222LT1G LRC-LMBT2222LT1G Datasheet
243Kb / 6P
   General Purpose Transistors NPN Silicon RoHS requirements.
LMBT6517LT1G LRC-LMBT6517LT1G_11 Datasheet
247Kb / 6P
   High Voltage Transistors NPN Silicon RoHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_12 Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com