Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT5087LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBT5087LT1G
Description  Low Noise Transistor PNP Silicon RoHS requirements.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT5087LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBT5087LT1G_11 Datasheet HTML 1Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 2Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 3Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 4Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 5Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 6Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
1/7
1
3
2
LMBT5087LT1G
SOT– 23 (TO–236AB)
Low Noise Transistor
PNP Silicon
2
EMITTER
3
COLLECTOR
1
BASE
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
– 50
Vdc
Collector–Base Voltage
V CBO
– 50
Vdc
Emitter–Base Voltage
V EBO
– 3.0
Vdc
Collector Current — Continuous
I C
– 50
mAdc
DEVICE MARKING
LMBT5087LT1G =2Q
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation RF-5 Board (1)
P D
225
mW
T A =25 °C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) T A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55to+150
°C
ELECTRICAL CHARACTERISTICS (T A = 2
5°C unless otherwise noted)
Characteristic
Symbol
Min
M a x
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V (BR)CEO
– 50
Vdc
(I C = –1.0 mAdc, I B = 0)
Collector–Base Breakdown Voltage
V (BR)CBO
– 50
Vdc
(I C = –100
µAdc, I
E = 0)
Collector Cutoff Current
I CBO
n Adc
(V CB = –10 Vdc, I E= 0)
–10
(V CB = –35 Vdc, I E= 0)
–50
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
ORDERING INFORMATION
Device
Marking
Shipping
LMBT5087LT1G
2Q
3000/Tape & Reel
LMBT5087LT3G
10000/Tape & Reel
2Q
compliance with RoHS requirements.
We declare that the material of product


Similar Part No. - LMBT5087LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT5087LT1G LRC-LMBT5087LT1G_15 Datasheet
163Kb / 7P
   Low Noise Transistor
More results

Similar Description - LMBT5087LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT6520LT1G LRC-LMBT6520LT1G_11 Datasheet
246Kb / 6P
   High Voltage Transistor PNP Silicon RoHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA94LT1G LRC-LMBTA94LT1G_11 Datasheet
90Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR RoHS requirements.
MMBT5087LT1 LRC-MMBT5087LT1 Datasheet
165Kb / 6P
   Low Noise Transistor(PNP Silicon)
logo
Central Semiconductor C...
CMPT992 CENTRAL-CMPT992 Datasheet
112Kb / 2P
   PNP SILICON LOW NOISE TRANSISTOR
logo
Leshan Radio Company
LMBT918LT1G LRC-LMBT918LT1G_11 Datasheet
75Kb / 3P
   VHF / UFH Transistor NPN Silicon RoHS requirements.
logo
Central Semiconductor C...
CMPT992 CENTRAL-CMPT992_15 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
CMPT992 CENTRAL-CMPT992_10 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
logo
Samsung semiconductor
MMBT5086 SAMSUNG-MMBT5086 Datasheet
70Kb / 2P
   PNP (LOW NOISE TRANSISTOR)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com