Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT4413DW1T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBT4413DW1T1G
Description  DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT4413DW1T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBT4413DW1T1G Datasheet HTML 1Page - Leshan Radio Company LMBT4413DW1T1G Datasheet HTML 2Page - Leshan Radio Company LMBT4413DW1T1G Datasheet HTML 3Page - Leshan Radio Company LMBT4413DW1T1G Datasheet HTML 4Page - Leshan Radio Company LMBT4413DW1T1G Datasheet HTML 5Page - Leshan Radio Company LMBT4413DW1T1G Datasheet HTML 6Page - Leshan Radio Company LMBT4413DW1T1G Datasheet HTML 7Page - Leshan Radio Company LMBT4413DW1T1G Datasheet HTML 8Page - Leshan Radio Company LMBT4413DW1T1G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
1/11
LMBT4413DW1T1G
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ ,Tstg
–55 to +150
°C
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
FEATURE
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
K13
3000/Tape&Reel
1
3
2
SOT-363/SC-88
6
4
5
E
1
B
1
E
2
C
1
B
2
C
2
LMBT4413DW1T1G
LMBT4413DW1T3G
K13
10000/Tape&Reel
MOUNT TRANSISTOR
DUAL SMALL SIGNAL SURFACE
MAXIMUM RATINGS - NPN
MAXIMUM RATINGS - PNP
Q2
Q1
We declare that the material of product is ROHS compliant
and halogen free.
1
2
3
4
5
6
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
40
Vdc
Collector–Base Voltage
V CBO
60
Vdc
Emitter–Base Voltage
V EBO
6.0
Vdc
Collector Current — Continuous
I C
600
mAdc
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
-40
Vdc
Collector–Base Voltage
V CBO
-60
Vdc
Emitter–Base Voltage
V EBO
-5.0
Vdc
Collector Current — Continuous
I C
-600
mAdc


Similar Part No. - LMBT4413DW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT4413DW1T1G LRC-LMBT4413DW1T1G_15 Datasheet
898Kb / 11P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - LMBT4413DW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT4413DW1T1G LRC-LMBT4413DW1T1G_15 Datasheet
898Kb / 11P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4401DW1T1G LRC-LMBT4401DW1T1G Datasheet
408Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
First Silicon Co., Ltd
FFB4413D FS-FFB4413D Datasheet
823Kb / 11P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Leshan Radio Company
LMBT5541DW1T1G LRC-LMBT5541DW1T1G Datasheet
259Kb / 8P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4401DW1T1G LRC-LMBT4401DW1T1G_15 Datasheet
408Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT5541DW1T1G LRC-LMBT5541DW1T1G_15 Datasheet
287Kb / 8P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4403DW1T1G LRC-LMBT4403DW1T1G Datasheet
399Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4403DW1T1G LRC-LMBT4403DW1T1G_15 Datasheet
399Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC587BS DIODES-BC587BS Datasheet
59Kb / 3P
   DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30373 Rev. 1 - 2
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com