Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT2222 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBT2222
Description  General Purpose Transistors NPN Silicon RoHS requirements.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2222 Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBT2222 Datasheet HTML 1Page - Leshan Radio Company LMBT2222 Datasheet HTML 2Page - Leshan Radio Company LMBT2222 Datasheet HTML 3Page - Leshan Radio Company LMBT2222 Datasheet HTML 4Page - Leshan Radio Company LMBT2222 Datasheet HTML 5Page - Leshan Radio Company LMBT2222 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
2/6
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
h
FE
––
(I C = 0.1 mAdc, V CE = 10 Vdc)
35
––
(I C = 1.0 mAdc, V CE = 10 Vdc)
50
––
(I C = 10 mAdc, V CE = 10 Vdc)
75
(I C = 10 mAdc, V CE = 10 Vdc,T A= –55°C )
LMBT2222A only
35
(I C = 150 mAdc, V CE = 10 Vdc) (3)
100
300
(I C = 150 mAdc, V CE = 1.0 Vdc) (3)
50
––
(I C = 500 mAdc, V CE = 10 Vdc)(3)
LMBT2222
30
––
LMBT2222A
40
Collector–Emitter Saturation Voltage(3)
V
CE(sat)
Vdc
(I C = 150 mAdc, I B = 15 mAdc)
LMBT2222
––
0.4
LMBT2222A
––
0.3
(I C = 500mAdc, I B = 50 mAdc)
LMBT2222
––
1.6
LMBT2222A
––
1.0
Base–Emitter Saturation Voltage
V BE(sat)
Vdc
(I C = 150 mAdc, I B = 15 mAdc)
LMBT2222
––
1.3
LMBT2222A
0.6
1.2
(I C = 500 mAdc, I B = 50 mAdc)
LMBT2222
––
2.6
LMBT2222A
––
2.0
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product(4)
LMBT2222
f T
250
––
MHz
(I C = 20mAdc, V CE= 20Vdc, f = 100MHz)
LMBT2222A
300
––
Output Capacitance(V CB = 10 Vdc, I E = 0, f = 1.0 MHz)
C obo
––
8.0
pF
Input Capacitance
LMBT2222
C ibo
––
30
pF
(V EB = 0.5 Vdc, I C = 0, f = 1.0 MHz)
LMBT2222A
––
25
Input Impedance(V CE= 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz) LMBT2222A
h ie
2.0
8.0
k
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
LMBT2222A
0.25
1.25
Voltage Feedback Ratio(V CE=10 Vdc, I C= 1.0mAdc, f =1.0kHz) LMBT2222A
h re
–-
8.0
X 10
–4
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
LMBT2222A
4.0
Small–Signal Current Gain(VCE=10Vdc,I C=1.0mAdc, f=1.0kHz) LMBT2222A
h fe
50
300
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
LMBT2222A
75
375
Output Admittance(V CE=10 Vdc, I C = 1.0 mAdc,f =1.0 kHz) LMBT2222A
h oe
5.0
35
µmhos
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
LMBT2222A
25
200
Curren Base Time Comstant
(V CB= 20 Vdc, I E = 20 mAdc, f = 31.8 MHz)
LMBT2222A
rb, C C
––
150
ps
Noise Figure(VCE=10Vdc, IC=100
µAdc, R
S=1.0k
Ω, f =1.0kHz) LMBT2222A
NF
––
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(V CC = 30 Vdc, V EB(off) = – 0.5 Vdc
t d
—10
Rise Time
I C = 150 mAdc, I B1 = 15 mAdc)
t r
—25
ns
Storage Time
(V CC = 30 Vdc, I C = 150 mAdc
t s
225
ns
Fall Time
I B1 = I B2 = 15 mAdc)
t f
—60
3. Pulse Test: Pulse Width <300
µs, Duty Cycle <2.0%.
4.f T is defined as the frequency at which h fe extrapolates to unity.
LMBT2222LT1G
LMBT2222ALT1G


Similar Part No. - LMBT2222

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G Datasheet
139Kb / 6P
   Dual General Purpose Transistors
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_12 Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_15 Datasheet
255Kb / 7P
   Dual General Purpose Transistors
LMBT2222ADW1T3G LRC-LMBT2222ADW1T3G Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
More results

Similar Description - LMBT2222

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_12 Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LBC817-25WT1G LRC-LBC817-25WT1G Datasheet
165Kb / 3P
   General Purpose Transistors RoHS requirements.
LMBT6427LT1G LRC-LMBT6427LT1G_11 Datasheet
231Kb / 6P
   Darlington Transistors NPN Silicon RoHS requirements.
LMBT6428LT1G LRC-LMBT6428LT1G_11 Datasheet
283Kb / 5P
   Amplifier Transistors NPN Silicon RoHS requirements.
LMBT6517LT1G LRC-LMBT6517LT1G_11 Datasheet
247Kb / 6P
   High Voltage Transistors NPN Silicon RoHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com