Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBR1150FT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBR1150FT1G
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR1150FT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBR1150FT1G Datasheet HTML 1Page - Leshan Radio Company LMBR1150FT1G Datasheet HTML 2Page - Leshan Radio Company LMBR1150FT1G Datasheet HTML 3Page - Leshan Radio Company LMBR1150FT1G Datasheet HTML 4Page - Leshan Radio Company LMBR1150FT1G Datasheet HTML 5Page - Leshan Radio Company LMBR1150FT1G Datasheet HTML 6Page - Leshan Radio Company LMBR1150FT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3. dimension:
Suggested solder pad layout
Dimensions in inches and (millimeters)
LMBR120FT1G thru LMBR1200FT1G
SOD123-FL
MIN
MAX
MIN
MAX
A
3.5
3.9
0.138
0.159
B
0.75
0.95
0.029
0.037
C
2.6
3.0
0.103
0.119
D
1.6
2.0
0.063
0.079
E
H
0.9
1.2
0.036
0.047
J
0.12
0.22
0.005
0.009
K
0.032Typ
DIM
MILLIMETERS
INCHES
0.45Typ
0.018Typ
0.8Typ
PACKAGE
A
B
C
SOD123-FL
0.044(1.10
0.040(1.00)
0.079(2.00)


Similar Part No. - LMBR1150FT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1150ET1G LRC-LMBR1150ET1G Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results

Similar Description - LMBR1150FT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
logo
Leshan Radio Company
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
logo
Weitron Technology
B120F WEITRON-B120F Datasheet
1Mb / 6P
   Reverse Voltage 20 to 200V Forward Current 1.0A
B120E WEITRON-B120E Datasheet
1Mb / 5P
   Reverse Voltage 20 to 200V Forward Current 1.0A
logo
Leshan Radio Company
1N5817 LRC-1N5817_12 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
LMBR2200FT1G LRC-LMBR2200FT1G Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com