Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBR140FT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMBR140FT1G
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR140FT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMBR140FT1G Datasheet HTML 1Page - Leshan Radio Company LMBR140FT1G Datasheet HTML 2Page - Leshan Radio Company LMBR140FT1G Datasheet HTML 3Page - Leshan Radio Company LMBR140FT1G Datasheet HTML 4Page - Leshan Radio Company LMBR140FT1G Datasheet HTML 5Page - Leshan Radio Company LMBR140FT1G Datasheet HTML 6Page - Leshan Radio Company LMBR140FT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4.Packing information
Unit:mm
LMBR120FT1G thru LMBR1200FT1G
A
0.1
2.00
B
0.1
3.85
C
0.1
1.10
d
0.1
1.50
D
2.0
-
D1
min
-
D
2.0
178.00
D1
min
62.00
D2
0.5
13.00
E
0.1
1.75
F
0.1
3.50
P
0.1
4.00
P0
0.1
4.00
P1
0.1
2.00
T
0.1
0.23
W
0.3
8.00
W1
1.0
11.40
Item
Symbol
tolerance
Feed hole diameter
Sprocket hole position
Punch hole position
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
Punch hole pitch
Spocket hole pitch
Embossment center
Overall tape thickness
Tape width
SOD123-FL
Reel width
13" Reel inner diameter
7" Reel outside diameter
7" Reel inner diameter


Similar Part No. - LMBR140FT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR140ET1G LRC-LMBR140ET1G Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR140LFT1G LRC-LMBR140LFT1G Datasheet
428Kb / 11P
   Schottky Barrier Rectifiers
LMBR140LFT1G LRC-LMBR140LFT1G_15 Datasheet
428Kb / 11P
   Schottky Barrier Rectifiers
LMBR140T1G LRC-LMBR140T1G Datasheet
261Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
LMBR140T1G LRC-LMBR140T1G_15 Datasheet
261Kb / 4P
   Surface Mount Schottky Power Rectifier
More results

Similar Description - LMBR140FT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
logo
Leshan Radio Company
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
logo
Weitron Technology
B120F WEITRON-B120F Datasheet
1Mb / 6P
   Reverse Voltage 20 to 200V Forward Current 1.0A
B120E WEITRON-B120E Datasheet
1Mb / 5P
   Reverse Voltage 20 to 200V Forward Current 1.0A
logo
Leshan Radio Company
1N5817 LRC-1N5817_12 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
LMBR2200FT1G LRC-LMBR2200FT1G Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com