Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBR140T1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBR140T1G
Description  Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR140T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBR140T1G Datasheet HTML 1Page - Leshan Radio Company LMBR140T1G Datasheet HTML 2Page - Leshan Radio Company LMBR140T1G Datasheet HTML 3Page - Leshan Radio Company LMBR140T1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical characteristic curves (Ta=25
°C)
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
Mounted on epoxy board
1ms
IM=10mA
IF=0.5A
300us
time
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
trr DISPERSION MAP
1
10
100
1000
0
100
200
300
400
500
600
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
0.01
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
Ta=-25℃
Ta=125℃
Ta=25℃
Ta=75℃
Ta=150℃
1
10
100
1000
0
5
10
15
20
25
30
f=1MHz
430
440
450
460
470
480
AVE:454.3mV
Ta=25℃
VF=1A
n=30pcs
0
5
10
15
20
25
30
Ta=25℃
VR=40V
n=30pcs
AVE:4.08uA
200
210
220
230
240
250
260
270
280
290
300
AVE:279.7pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0
50
100
150
200
8.3ms
Ifsm
1cyc
AVE:83.0A
0
5
10
15
20
25
30
AVE:10.4ns
Ta=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
0
20
40
60
80
100
1
10
100
0
50
100
150
200
0.1
1
10
100
t
Ifsm
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.5
1
1.5
2
DC
D=1/2
Sin(θ=180)
8.3ms
Ifsm
1cyc
8.3ms
LESHAN RADIO COMPANY, LTD.
LMBR140T1G
Rev.O 2/4


Similar Part No. - LMBR140T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR140T1G LRC-LMBR140T1G_15 Datasheet
261Kb / 4P
   Surface Mount Schottky Power Rectifier
More results

Similar Description - LMBR140T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR160T1G LRC-LMBR160T1G Datasheet
256Kb / 3P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
logo
ON Semiconductor
MBR0520LT1 ONSEMI-MBR0520LT1 Datasheet
59Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 5
MBR0530T1 ONSEMI-MBR0530T1 Datasheet
59Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 4
MBR130LSFT1 ONSEMI-MBR130LSFT1 Datasheet
58Kb / 6P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
January, 2005 ??Rev. 1
MBR0540T1 ONSEMI-MBR0540T1 Datasheet
97Kb / 6P
   Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
March, 2005 ??Rev. 5
MBR0540T1_0511 ONSEMI-MBR0540T1_0511 Datasheet
69Kb / 6P
   Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
November, 2005 ??Rev. 6
logo
List of Unclassifed Man...
SOT-23 ETC-SOT-23 Datasheet
171Kb / 3P
   SOT-23 Surface Mount Plastic Package
logo
Continental Device Indi...
SOT-23 CDIL-SOT-23 Datasheet
220Kb / 3P
   SOT-23 Surface Mount Plastic Package
logo
ON Semiconductor
MBRS1100T3 ONSEMI-MBRS1100T3_07 Datasheet
49Kb / 4P
   Schottky Power Rectifier Surface Mount Power Package
March, 2007 ??Rev. 9
logo
Motorola, Inc
MBRS1100T3 MOTOROLA-MBRS1100T3 Datasheet
77Kb / 4P
   Schottky Power Rectifier(Surface Mount Power Package)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com