Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2318AGEN-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP2318AGEN-HF
Description  Capable of 2.5V Gate Drive, Small Outline Package, Surface Mount Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2318AGEN-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP2318AGEN-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2318AGEN-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2318AGEN-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2318AGEN-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP2318AGEN-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Circuit
4
0
10
20
30
40
1
5
9
1317
2125
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
1
2
3
4
5
6
0
0.4
0.8
1.2
1.6
Q G , Total Gate Charge (nC)
I D =0.5A
V DS =15V
Q
VG
4.5V
QGS
QGD
QG
Charge
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 400℃/W
t
T
0.02
0.01
0.1
1
10
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
1ms
10ms
100ms
1s
DC
0.0
0.4
0.8
1.2
1.6
02
46
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
T j = -40
o C
Operation in this
area limited by
RDS(ON)


Similar Part No. - AP2318AGEN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
   Small Outline Package
More results

Similar Description - AP2318AGEN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF Datasheet
101Kb / 4P
   Capable of 2.5V Gate Drive, Small Outline Package
AP2302GN-HF A-POWER-AP2302GN-HF Datasheet
102Kb / 4P
   Capable of 2.5V gate drive, Small package outline
AP2318GEN-HF A-POWER-AP2318GEN-HF Datasheet
103Kb / 4P
   Capable of 2.5V Gate Drive, Small Outline Package
AP2328GN-HF A-POWER-AP2328GN-HF Datasheet
99Kb / 4P
   Capable of 2.5V Gate Drive, Small Outline Package
AP9926GM-HF A-POWER-AP9926GM-HF Datasheet
66Kb / 4P
   Capable of 2.5V Gate Drive, Surface Mount Package
AP9928GEM A-POWER-AP9928GEM Datasheet
76Kb / 4P
   Capable of 2.5V gate drive, Surface mount package
AP9926GEO A-POWER-AP9926GEO Datasheet
65Kb / 4P
   Capable of 2.5V Gate Drive, Surface Mount Package
AP9926GEO-HF A-POWER-AP9926GEO-HF Datasheet
65Kb / 4P
   Capable of 2.5V Gate Drive, Surface Mount Package
AP2323GN-HF A-POWER-AP2323GN-HF Datasheet
101Kb / 4P
   Capable of 1.8V Gate Drive, Small Package Outline
AP2338GN-HF A-POWER-AP2338GN-HF Datasheet
101Kb / 4P
   Capable of 1.8V Gate Drive, Small Outline Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com