Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS-108457 Datasheet(PDF) 8 Page - Amphenol Corporation

Part # MS-108457
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-108457 Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button MS-108457 Datasheet HTML 4Page - Amphenol Corporation MS-108457 Datasheet HTML 5Page - Amphenol Corporation MS-108457 Datasheet HTML 6Page - Amphenol Corporation MS-108457 Datasheet HTML 7Page - Amphenol Corporation MS-108457 Datasheet HTML 8Page - Amphenol Corporation MS-108457 Datasheet HTML 9Page - Amphenol Corporation MS-108457 Datasheet HTML 10Page - Amphenol Corporation MS-108457 Datasheet HTML 11Page - Amphenol Corporation MS-108457 Datasheet HTML 12Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Insert Orientations
Position W
Position Y
Position Z
Views looking into front face of pin insert or rear
of socket insert
18-5
18-9
18-13
18-14
20-7
20-8
20-9
20-12
20-14
16-7
20-16 22-18
24-4
Degree
W
X
Y
Z
80
110
250
280
24-21 28-15 36-1
36-7
36-8
36-13
28-16
28-17
28-19
28-20
28-21
32-1
32-3
32-4
24-28
28-1
28-4
28-8
28-9
28-10
28-11
28-14
24-5
24-6
24-7
24-12
24-14
24-16
24-17
24-20
22-19
22-21
22-24
22-25
22-29
22-33
22-34
24-1
24-3
20-20
20-22
22-3
22-6
22-12
22-14
22-15
22-16
22-17
Position X
To avoid cross-plugging problems in applications
requiring the use of more than one connector of
the same size and arrangement, alternate insert
rotations are available as indicated in the
accompanying chart.
As shown in the daigram below, the front face of
the pin insert is rotated within the shell in a
clockwise direction from the normal shell key. The
socket insert would be rotated counterclockwise
the same number of degrees with respect to the
normal shell key.
The following insert arrangements have the same
alternate insert rotations for W, X, Y and Z which
are as below :
Insert
Arrang-
ement
Degrees
W
12S-3
14S-9
16S-5
18-8
18-1
18-22
20-3
20-4
14S-2
18-10
18-15
14S-5
16-9
16-11
16-13
18-3
18-4
20-5
16S-4
16S-1
18-12
14S-7
16-10
16S-6
18-20
18-29
16S-8
18-11
70
70
70
70
70
70
70
45
-
-
-
-
35
35
35
35
35
35
35
80
80
90
90
90
90
90
-
-
145
145
145
-
145
145
145
110
120
120
120
110
110
110
110
110
110
110
110
-
-
180
180
180
180
180
170
170
215
215
215
-
215
215
215
250
240
240
240
-
250
250
250
250
250
250
250
-
-
270
270
270
270
270
265
265
290
290
290
290
290
290
290
-
-
-
-
-
325
325
325
325
325
325
325
280
280
-
-
-
-
-
-
-
X
Y
Z
Insert
Arrang-
ement
Degrees
W
28-3
28-6
28-18
28-22
36-3
36-4
24-22
28-5
28-2
28-7
36-6
36-9
36-10
32-8
24-27
28-12
36-14
36-15
36-5
70
70
70
70
70
70
45
35
35
35
35
80
80
80
80
90
90
60
-
145
145
145
145
145
145
110
110
110
110
110
125
125
125
-
180
180
125
120
215
215
215
215
215
215
250
250
250
250
250
235
235
235
-
270
270
245
240
290
290
290
290
290
290
-
325
325
325
325
280
280
280
280
-
-
305
-
X
Y
Z
Insert
Arrang-
ement
Degrees
W
20-6
22-2
22-9
20-15
20-18
20-21
20-23
20-24
20-27
22-10
22-11
22-13
22-20
22-23
22-22
24-11
24-9
22-1
22-4
22-5
22-8
20-29
20-17
20-19
22-27
22-28
24-2
24-10
70
70
70
80
35
35
35
35
35
35
35
35
35
35
-
35
35
35
35
35
35
80
90
90
80
80
80
80
145
145
145
-
110
110
110
110
110
110
110
110
110
-
110
110
110
110
110
110
110
-
180
180
-
-
-
-
215
215
215
-
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
-
270
270
250
-
-
-
290
290
290
280
325
325
325
325
325
325
325
325
325
-
-
325
325
325
325
325
325
280
-
-
280
280
280
280
X
Y
Z
A
B
40-56
72
144
216
288
6
MS And 97B Series
AMPHENOL


Similar Part No. - MS-108457

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MS-108-1 RRE-MS-108-1 Datasheet
98Kb / 2P
   Standard size Reed Sensor
MS-108-2 RRE-MS-108-2 Datasheet
98Kb / 2P
   Standard size Reed Sensor
MS-108-3 RRE-MS-108-3 Datasheet
98Kb / 2P
   Standard size Reed Sensor
logo
PIC GmbH
MS-108-3 PIC-MS-108-3 Datasheet
23Kb / 1P
   Reed Sensor - pitch 20.32 mm
logo
DB Lectro Inc
MS-108-3 DBLECTRO-MS-108-3 Datasheet
23Kb / 1P
   Reed Sensor ??pitch 20.32 mm
More results

Similar Description - MS-108457

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-52008-F BEL-SI-52008-F Datasheet
523Kb / 4P
   THIS PRODUCT IS COVERED BY U.S. PATENT
logo
Murata Manufacturing Co...
SFECF10M7DA0001-R0 MURATA-SFECF10M7DA0001-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7EA00S0-R0 MURATA-SFECF10M7EA00S0-R0 Datasheet
210Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00-R0 MURATA-SFECF10M7DF00-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
logo
Altera Corporation
EP3C120F780C8 ALTERA-EP3C120F780C8 Datasheet
836Kb / 34P
   The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices
logo
STMicroelectronics
SRC0 STMICROELECTRONICS-SRC0 Datasheet
1Mb / 48P
   Power-up duration determined primarily by push-button press
May 2014 Rev 2
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Amphenol Corporation
EMD-4000B AMPHENOL-EMD-4000B Datasheet
53Kb / 4P
   Excellent interchangeability
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
   The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com