Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS-108457 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # MS-108457
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-108457 Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button MS-108457 Datasheet HTML 3Page - Amphenol Corporation MS-108457 Datasheet HTML 4Page - Amphenol Corporation MS-108457 Datasheet HTML 5Page - Amphenol Corporation MS-108457 Datasheet HTML 6Page - Amphenol Corporation MS-108457 Datasheet HTML 7Page - Amphenol Corporation MS-108457 Datasheet HTML 8Page - Amphenol Corporation MS-108457 Datasheet HTML 9Page - Amphenol Corporation MS-108457 Datasheet HTML 10Page - Amphenol Corporation MS-108457 Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
5
Electrical Data
Dielectric strength
Service rating
Test Voltage
Vac rms
Inst.
1000V
A
2000V
D
2800V
E
3500V
B
4500V
C
7000V
Service rating
Service rating
Operating Voltage
DC at Sea Level
Operating Voltage
AC at Sea Level
Inst.
250V
200V
A
700V
500V
D
1250V
900V
E
1750V
1250V
B
2450V
1750V
C
4200V
3000V
Contact rating
Contact
Size
Contact
Resistance
miliohms
Rated
Current
16
3.46
13A
12
1.83
23A
8
0.52
46A
4
0.26
80A
0
0.14
150A
MS And 97B Series
AMPHENOL


Similar Part No. - MS-108457

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MS-108-1 RRE-MS-108-1 Datasheet
98Kb / 2P
   Standard size Reed Sensor
MS-108-2 RRE-MS-108-2 Datasheet
98Kb / 2P
   Standard size Reed Sensor
MS-108-3 RRE-MS-108-3 Datasheet
98Kb / 2P
   Standard size Reed Sensor
logo
PIC GmbH
MS-108-3 PIC-MS-108-3 Datasheet
23Kb / 1P
   Reed Sensor - pitch 20.32 mm
logo
DB Lectro Inc
MS-108-3 DBLECTRO-MS-108-3 Datasheet
23Kb / 1P
   Reed Sensor ??pitch 20.32 mm
More results

Similar Description - MS-108457

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-52008-F BEL-SI-52008-F Datasheet
523Kb / 4P
   THIS PRODUCT IS COVERED BY U.S. PATENT
logo
Murata Manufacturing Co...
SFECF10M7DA0001-R0 MURATA-SFECF10M7DA0001-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7EA00S0-R0 MURATA-SFECF10M7EA00S0-R0 Datasheet
210Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00-R0 MURATA-SFECF10M7DF00-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
logo
Altera Corporation
EP3C120F780C8 ALTERA-EP3C120F780C8 Datasheet
836Kb / 34P
   The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices
logo
STMicroelectronics
SRC0 STMICROELECTRONICS-SRC0 Datasheet
1Mb / 48P
   Power-up duration determined primarily by push-button press
May 2014 Rev 2
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Amphenol Corporation
EMD-4000B AMPHENOL-EMD-4000B Datasheet
53Kb / 4P
   Excellent interchangeability
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
   The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com