Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LESD5Z2.5T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LESD5Z2.5T1G
Description  Transient Voltage Suppressors for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LESD5Z2.5T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LESD5Z2.5T1G Datasheet HTML 1Page - Leshan Radio Company LESD5Z2.5T1G Datasheet HTML 2Page - Leshan Radio Company LESD5Z2.5T1G Datasheet HTML 3Page - Leshan Radio Company LESD5Z2.5T1G Datasheet HTML 4Page - Leshan Radio Company LESD5Z2.5T1G Datasheet HTML 5Page - Leshan Radio Company LESD5Z2.5T1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Transient Voltage Suppressors for ESD Protection
General Description
The LESD5Z2.5T1G Series is designed to protect
voltage sensitive components from ESD and transient
voltage events. Excellent clamping capability, low
leakage, and fast response time, make these parts
ideal for ESD protection on designs where board space is
Applications
Features
Small Body Outline Dimensions
Low Body Height
Stand−off Voltage: 2.5 V − 12 V
Peak Power up to 200 Watts @ 8 x 20 _s Pulse
Low Leakage
Response Time is Typically < 1 ns
ESD Rating of Class 3 (> 16 kV) per Human
Body Model
IEC61000−4−2 Level 4 ESD Protection
IEC61000−4−4 Level 4 EFT Protection
Cellular phones
Portable devices
Digital cameras
Power supplies
Absolute Ratings (Tamb=25°C )
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp = 8/20μs)
200
W
TL
Maximum lead temperature for soldering during 10s
260
°C
Tstg
Storage Temperature Range
-55 to +150
°C
Top
Operating Temperature Range
-40 to +125
°C
Tj
Maximum junction temperature
150
°C
IEC61000-4-2 (ESD)
air discharge
contact discharge
±
15
±
8
KV
IEC61000-4-4 (EFT)
40
A
ESD Voltage
Per Human Body Model
16
KV
SOD-523
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
Device
Package
Shipping
ORDERING INFORMATION
LESD5Z2.5T1G SERIES
SOD−523
3000/Tape & Reel
at a premium.
LESD5Z2.5T1G SERIES
Rev.O 1/6
?AEC Q101 Qualified and PPAP Capable
AEC Q101 Qualified and PPAP Capable


Similar Part No. - LESD5Z2.5T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z2.5T1G LRC-LESD5Z2.5T1G Datasheet
494Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - LESD5Z2.5T1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com