Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LESD5Z2.5T1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LESD5Z2.5T1G
Description  Transient Voltage Suppressors for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LESD5Z2.5T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LESD5Z2.5T1G_12 Datasheet HTML 1Page - Leshan Radio Company LESD5Z2.5T1G_12 Datasheet HTML 2Page - Leshan Radio Company LESD5Z2.5T1G_12 Datasheet HTML 3Page - Leshan Radio Company LESD5Z2.5T1G_12 Datasheet HTML 4Page - Leshan Radio Company LESD5Z2.5T1G_12 Datasheet HTML 5Page - Leshan Radio Company LESD5Z2.5T1G_12 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Parameter
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
IF
Forward Current
VF
Forward Voltage @ IF
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 0.9V at IF = 10mA
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)@ IT
(Note 1)
IT
VC (V)
@ IPP=5 A*
VC (V)
@ Max IPP*
IPP
(A)*
PPK
(W)*
C
(pF)
Device
Max
Max
Min
mA
Typ
Max
Max
Max
Typ
LESD5Z2.5T1G
2.5
6.0
4.0
1.0
6.5
10.9
11.0
120
145
LESD5Z3.3T1G
3.3
1.0
5.0
1.0
8.4
14.1
11.2
158
105
LESD5Z5.0T1G
5.0
1.0
6.2
1.0
11.6
18.6
9.4
174
80
LESD5Z6.0T1G
6.0
1.0
6.8
1.0
12.4
20.5
8.8
181
70
LESD5Z7.0T1G
7.0
1.0
7.5
1.0
13.5
22.7
8.8
200
65
*Surge current waveform per Figure 1.
1. VBR is measured with a pluse test current IT at an ambient temperature of 25℃.
LESHAN RADIO COMPANY, LTD.
LESD5Z12T1G
12
Device
Marking
ZD
ZE
ZF
ZG
ZH
ZM
1.0
13.5
1.0
17
25
9.6
240
55
LESD5Z2.5T1G SERIES
Rev.O 2/6


Similar Part No. - LESD5Z2.5T1G_12

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z2.5T1G LRC-LESD5Z2.5T1G Datasheet
494Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - LESD5Z2.5T1G_12

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com