Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9575GM Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9575GM
Description  Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9575GM Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9575GM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9575GM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9575GM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9575GM Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Lower Gate Charge
BVDSS
-60V
▼ Simple Drive Requirement
RDS(ON)
90mΩ
▼ Fast Switching Characteristic
ID
-4A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
50
℃/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.02
Storage Temperature Range
Continuous Drain Current
3
-3.2
Pulsed Drain Current
1
-20
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
AP9575GM
Rating
201204072
RoHS-compliant Product
1
-60
±25
-4.0
2.5
-55 to 150
Advanced Power MOSFETs from APEC provide the designer with
the best combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness.
The SO-8 package is widely preferred for commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters.
S
S
S
G
D
D
D
D
SO-8
G
D
S


Similar Part No. - AP9575GM

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP9575GM VBSEMI-AP9575GM Datasheet
1Mb / 9P
   P-Channel 60 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AP9575GM-HF DOINGTER-AP9575GM-HF Datasheet
646Kb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
Advanced Power Electron...
AP9575GM-HF A-POWER-AP9575GM-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP9575GM-HF A-POWER-AP9575GM-HF_16 Datasheet
53Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP9575GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2310GK-HF A-POWER-AP2310GK-HF Datasheet
60Kb / 4P
   Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP9575AGI-HF A-POWER-AP9575AGI-HF Datasheet
100Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575GP-HF A-POWER-AP9575GP-HF Datasheet
103Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575GS-HF A-POWER-AP9575GS-HF Datasheet
103Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9565AGJ A-POWER-AP9565AGJ Datasheet
102Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP2311GK-HF A-POWER-AP2311GK-HF Datasheet
55Kb / 4P
   Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP9561GM A-POWER-AP9561GM Datasheet
222Kb / 5P
   Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP2342GK-HF A-POWER-AP2342GK-HF Datasheet
66Kb / 4P
   Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP9998GI-HF A-POWER-AP9998GI-HF Datasheet
59Kb / 4P
   Lower Gate Charge Simple Drive Requirement Fast Switching Characteristic
AP98T06GP A-POWER-AP98T06GP Datasheet
99Kb / 4P
   Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com