Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC856BLT3G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LBC856BLT3G
Description  General Purpose Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC856BLT3G Datasheet(HTML) 3 Page - Leshan Radio Company

  LBC856BLT3G Datasheet HTML 1Page - Leshan Radio Company LBC856BLT3G Datasheet HTML 2Page - Leshan Radio Company LBC856BLT3G Datasheet HTML 3Page - Leshan Radio Company LBC856BLT3G Datasheet HTML 4Page - Leshan Radio Company LBC856BLT3G Datasheet HTML 5Page - Leshan Radio Company LBC856BLT3G Datasheet HTML 6Page - Leshan Radio Company LBC856BLT3G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
LBC856 Series
(IC = –10 mA)
LBC857 Series
LBC858, LBC859 Series
V(BR)CEO
–65
–45
–30
V
Collector–Emitter Breakdown Voltage
LBC856 Series
(IC = –10 µA, VEB = 0)
LBC857 Series
LBC858, LBC859 Series
V(BR)CES
–80
–50
–30
V
Collector–Base Breakdown Voltage
LBC856 Series
(IC = –10 mA)
LBC857 Series
LBC858, LBC859 Series
V(BR)CBO
–80
–50
–30
V
Emitter–Base Breakdown Voltage
LBC856 Series
(IE = –1.0 mA)
LBC857 Series
LBC858, LBC859 Series
V(BR)EBO
–5.0
–5.0
–5.0
V
Collector Cutoff Current (VCB = –30 V)
Collector Cutoff Current (VCB = –30 V, TA = 150°C)
ICBO
–15
–4.0
nA
µA
ON CHARACTERISTICS
DC Current Gain
(IC = –2.0 mA, VCE = –5.0 V)
LBC856A, LBC857A, LBC858A
LBC856B, LBC857B, LBC858B, LBC859B
LBC857C, LBC858C, LBC859C
hFE
125
220
420
180
290
520
250
475
800
Collector–Emitter Saturation Voltage
(IC = –10 mA, IB = –0.5 mA)
(IC = –100 mA, IB = –5.0 mA)
VCE(sat)
–0.3
–0.65
V
Base–Emitter Saturation Voltage
(IC = –10 mA, IB = –0.5 mA)
(IC = –100 mA, IB = –5.0 mA)
VBE(sat)
–0.7
–0.9
V
Base–Emitter On Voltage
(IC = –2.0 mA, VCE = –5.0 V)
(IC = –10 mA, VCE = –5.0 V)
VBE(on)
–0.6
–0.75
–0.82
V
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = –10 mA, VCE = –5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = –10 V, f = 1.0 MHz)
Cob
4.5
pF
Noise Figure
(IC = –0.2 mA, VCE = –5.0 Vdc, RS = 2.0 kΩ, f = 1.0 kHz, BW = 200 Hz)
LBC856, LBC857, LBC858 Series
LBC859 Series
NF
10
4.0
dB
LBC857CLT1G Series
Rev.O 3/7


Similar Part No. - LBC856BLT3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LBC856BLT3G LEIDITECH-LBC856BLT3G Datasheet
666Kb / 7P
   General Purpose Transistors PNP Silicon
More results

Similar Description - LBC856BLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com