Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS-3057-12A Datasheet(PDF) 6 Page - Amphenol Corporation

Part # MS-3057-12A
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-3057-12A Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button MS-3057-12A Datasheet HTML 2Page - Amphenol Corporation MS-3057-12A Datasheet HTML 3Page - Amphenol Corporation MS-3057-12A Datasheet HTML 4Page - Amphenol Corporation MS-3057-12A Datasheet HTML 5Page - Amphenol Corporation MS-3057-12A Datasheet HTML 6Page - Amphenol Corporation MS-3057-12A Datasheet HTML 7Page - Amphenol Corporation MS-3057-12A Datasheet HTML 8Page - Amphenol Corporation MS-3057-12A Datasheet HTML 9Page - Amphenol Corporation MS-3057-12A Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
4
General Description
These electrical connectors are designated MS
because the interchangeability and operating
characteristics are determined by U.S. Military
Specifications. These specifications are revised
from time to time to incorporate performance
requirements dictated by design advances and
more stringent requirements of allied equipment.
The several designations of MS and 97B
connectors meet different requirements of MIL-
C-5015. These designations and general
descriptions are as follows :
Shell
Shell constructions include solid back shell (A)
and environmental resistant (E, F & R).
Environmental resistant connectors provide a
moisture barrier and assure a positive seal. Shell
styles consist of wall type receptacles (3100),
cable receptacles (3101), box receptacles
(3102), straight plugs (3106) and angle plugs
(3108). Shell hardware is manufactured from
aluminium alloy and cadmium plated with olive
drab chromate finish. This finish has excellent
conductivity; it is non-reflecting and corrosion
resistant. Black anodised finish and cadmium-
free zinc plating with olive drab chromate finish
are also available. For details, contact factory.
Contacts
Pin and socket contacts are of brass and
generally silver plated. Gold plating is also
available. For details contact factory. These
contacts are available for solder or crimp
termination. Special arrangements of contacts
for pre-mating and pre-earth are also available.
Inserts and grommet
Synthetic inserts and grommet manufactured
according to MIL-R-3065, offer high dielectric
strength and are resistant to oils, gasoline and low
temperature. DAP is dimensionally stable, has high
arc resistance and high insulation resistance under
both humidity and thermal stress.
General description
Plugs are available in A, F and R types. Receptacles
are available in A, E, F and R types.
A Solid back shell
Intended for general service usage to provide
convenient means of connecting and disconnecting
electrical circuits in industrial and military
applications.
Environmental resisting
Intended for use where the connector will be subject
to heavy condensation and rapid changes in
temperature or pressure and/or where the connector
is subjected to high vibratory conditions.
E
Environmental resisting with grommet seal and
strain relief backshell except for 3102 type.
F
Environmental resisting with grommet seal,
strain relief backshell and front gasket seal for plug
type.
R
Environmental resisting with grommet seal,
shorter and lightweight.
Features for 97B reverse bayonet coupling connectors
with Mil-C-5015 insert patterns:
Quick positive coupling
Audible and tactile indication of full coupling
Waterproof
No lockwiring required
High shock and vibration capabilities
Operating temperature range with Neoprene
0
0
inserts: -55 C to +125 C
Insert available in Neoprene material (alternate
inserts materials available upon request)
Available in both crimp and solder terminations
Contacts available in gold and silver plating
Numerous finishes available
Zinc alloy plating (cadmium free) available
500 couplings minimum
Rugged construction; aluminum or stainless
steel components
Intermateable with existing VG95234
connectors
MS And 97B Series
AMPHENOL


Similar Part No. - MS-3057-12A

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MS-30.05OHM WILLOW-MS-30.05OHM Datasheet
314Kb / 1P
   Bare Metal Element Resistors
logo
Mean Well Enterprises C...
MS-300 MEANWELL-MS-300 Datasheet
344Kb / 6P
   450W/650W/1000W Modular Power
More results

Similar Description - MS-3057-12A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-52008-F BEL-SI-52008-F Datasheet
523Kb / 4P
   THIS PRODUCT IS COVERED BY U.S. PATENT
logo
Murata Manufacturing Co...
SFECF10M7DA0001-R0 MURATA-SFECF10M7DA0001-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7EA00S0-R0 MURATA-SFECF10M7EA00S0-R0 Datasheet
210Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00-R0 MURATA-SFECF10M7DF00-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
logo
Altera Corporation
EP3C120F780C8 ALTERA-EP3C120F780C8 Datasheet
836Kb / 34P
   The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices
logo
STMicroelectronics
SRC0 STMICROELECTRONICS-SRC0 Datasheet
1Mb / 48P
   Power-up duration determined primarily by push-button press
May 2014 Rev 2
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Amphenol Corporation
EMD-4000B AMPHENOL-EMD-4000B Datasheet
53Kb / 4P
   Excellent interchangeability
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
   The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com