Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9565GEH Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP9565GEH
Description  Simple Drive Requirement, Lower On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9565GEH Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP9565GEH Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9565GEH Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9565GEH Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9565GEH Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP9565GEH/J
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. On-Resistance vs.
Reverse Diode
Drain Current
3
0
20
40
60
80
024
68
-V DS , Drain-to-Source Voltage (V)
T C =25
o C
-10V
-7.0V
-5.0V
-4.5V
V G = -3.0 V
0.6
1.0
1.4
1.8
25
50
75
100
125
150
T j , Junction Temperature (
o C)
I D = -16 A
V G = -10V
0.0
5.0
10.0
15.0
20.0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
20
40
60
02
46
8
-V DS , Drain-to-Source Voltage (V)
T C = 150
o C
-10V
-7.0V
-5.0V
-4.5V
V G = -3.0 V
20
40
60
80
100
120
2468
10
-V GS , Gate-to-Source Voltage (V)
I D =- 8 A
T C =25 ℃
20.0
30.0
40.0
50.0
60.0
0
1020
3040
-I D , Drain Current (A)
V GS =-4.5V
V GS =-10V


Similar Part No. - AP9565GEH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9565GEH A-POWER-AP9565GEH_14 Datasheet
136Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP9565GEH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2R803GM-HF A-POWER-AP2R803GM-HF Datasheet
118Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP9561GJ-HF A-POWER-AP9561GJ-HF Datasheet
102Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP4435GJ-HF A-POWER-AP4435GJ-HF Datasheet
106Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP4437GM-HF A-POWER-AP4437GM-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP83T03GM-HF A-POWER-AP83T03GM-HF Datasheet
119Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP90T03GH A-POWER-AP90T03GH Datasheet
212Kb / 6P
   Lower On- resistance, Simple Drive Requirement
AP4407GS A-POWER-AP4407GS Datasheet
223Kb / 6P
   Lower On-resistance, Simple Drive Requirement
AP55T06GS-HF A-POWER-AP55T06GS-HF Datasheet
118Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP6679GS,P-A A-POWER-AP6679GS,P-A Datasheet
68Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP95T06AGP A-POWER-AP95T06AGP Datasheet
155Kb / 5P
   Simple Drive Requirement, Lower On-resistance
AP40P03GI-HF A-POWER-AP40P03GI-HF Datasheet
107Kb / 4P
   Lower On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com