Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC848CPDW1T1G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LBC848CPDW1T1G
Description  Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC848CPDW1T1G Datasheet(HTML) 5 Page - Leshan Radio Company

  LBC848CPDW1T1G Datasheet HTML 1Page - Leshan Radio Company LBC848CPDW1T1G Datasheet HTML 2Page - Leshan Radio Company LBC848CPDW1T1G Datasheet HTML 3Page - Leshan Radio Company LBC848CPDW1T1G Datasheet HTML 4Page - Leshan Radio Company LBC848CPDW1T1G Datasheet HTML 5Page - Leshan Radio Company LBC848CPDW1T1G Datasheet HTML 6Page - Leshan Radio Company LBC848CPDW1T1G Datasheet HTML 7Page - Leshan Radio Company LBC848CPDW1T1G Datasheet HTML 8Page - Leshan Radio Company LBC848CPDW1T1G Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL PNP CHARACTERISTICS — LB C846
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
-0.8
-1.0
-0.6
-0.2
-0.4
1.0
2.0
-0.1
-1.0
-10
-200
-0.2
0.2
0.5
-0.2
-1.0
-10
-200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = -5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
-1.0
-1.2
-1.6
-2.0
-0.02
-1.0
-10
0
-20
-0.1
-0.4
-0.8
-0.2
-2.0
-10
-200
-1.0
TJ = 25°C
IC =
-10 mA
VCE = -5.0 V
TA = 25°C
0
-0.5
-2.0
-5.0
-20
-50 -100
-0.05
-0.2
-0.5
-2.0
-5.0
-100 mA
-20 mA
-1.4
-1.8
-2.2
-2.6
-3.0
-0.5
-5.0
-20
-50 -100
-55°C to 125°C
θVB for VBE
-2.0 -5.0
-20 -50 -100
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mA)
-0.1 -0.2
-1.0
-50
2.0
-2.0
-10
-100
100
200
500
50
20
20
10
6.0
4.0
-1.0
-10
-100
VCE = -5.0 V
-0.5
-5.0
-20
TJ = 25°C
Cob
Cib
8.0
-50 mA
-200 mA
LBC846BPDW1T1G LBC847BPDW1T1G Series, LBC848BPDW1T1G Series
Rev.O 5/9


Similar Part No. - LBC848CPDW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC848CPDW1T1G LRC-LBC848CPDW1T1G Datasheet
407Kb / 11P
   Dual General Purpose Transistors
LBC848CPDW1T1G LRC-LBC848CPDW1T1G_15 Datasheet
178Kb / 9P
   Dual General Purpose Transistors
More results

Similar Description - LBC848CPDW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
BC646BDW1T1 LRC-BC646BDW1T1 Datasheet
155Kb / 5P
   Dual General Purpose Transistors(NPN Duals)
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
Pan Jit International I...
BC847BPN PANJIT-BC847BPN Datasheet
145Kb / 3P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com