Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC846CWT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LBC846CWT1G
Description  General Purpose Transistors NPN Silicon
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC846CWT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LBC846CWT1G Datasheet HTML 1Page - Leshan Radio Company LBC846CWT1G Datasheet HTML 2Page - Leshan Radio Company LBC846CWT1G Datasheet HTML 3Page - Leshan Radio Company LBC846CWT1G Datasheet HTML 4Page - Leshan Radio Company LBC846CWT1G Datasheet HTML 5Page - Leshan Radio Company LBC846CWT1G Datasheet HTML 6Page - Leshan Radio Company LBC846CWT1G Datasheet HTML 7Page - Leshan Radio Company LBC846CWT1G Datasheet HTML 8Page - Leshan Radio Company LBC846CWT1G Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LESHAN RADIO COMPANY, LTD.
LBC846AWT1G,BWT1G, LBC847AWT1G,BWT1G, CWT1G, LBC848AWT1G,BWT1G,CWT1G
LBC846A, LBC847A, LBC848A
Figure 5. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 6. Base−Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
1.6
1.2
2.0
2.8
2.4
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
1.0
10
100
-55
°C to +125°C
TA = 25°C
IC = 50 mA
IC = 100 mA
IC = 200 mA
IC =
20 mA
IC =
10 mA
1.0
Figure 7. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 8. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
0.4
0.6
1.0
10
20
1.0
2.0
6.0
40
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
0.7
1.0
10
20
2.0
50
30
7.0
5.0
3.0
0.5
VCE = 10 V
TA = 25°C
0.8
4.0
8.0
TA = 25°C
Cob
Cib
LBC846B
Figure 9. DC Current Gain vs. Collector
Current
Figure 10. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
300
400
600
0.1
0.01
0.001
0.0001
0
0.15
0.30
1
VCE = 1 V
150°C
−55°C
25°C
IC/IB = 20
150°C
−55°C
25°C
500
0.25
0.20
0.05
0.10
Rev.O 3/9


Similar Part No. - LBC846CWT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC846 LRC-LBC846 Datasheet
135Kb / 6P
   General Purpose Transistors NPN Silicon
LBC846A LRC-LBC846A Datasheet
135Kb / 6P
   General Purpose Transistors NPN Silicon
LBC846ADW1T1G LRC-LBC846ADW1T1G Datasheet
202Kb / 6P
   Dual General Purpose Transistors
LBC846ADW1T3G LRC-LBC846ADW1T3G Datasheet
202Kb / 6P
   Dual General Purpose Transistors
LBC846ALT1 LRC-LBC846ALT1 Datasheet
135Kb / 6P
   General Purpose Transistors NPN Silicon
More results

Similar Description - LBC846CWT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com