Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3485EAR Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3485EAR
Description  짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3485EAR Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3485EAR Datasheet HTML 3Page - Analog Devices ADM3485EAR Datasheet HTML 4Page - Analog Devices ADM3485EAR Datasheet HTML 5Page - Analog Devices ADM3485EAR Datasheet HTML 6Page - Analog Devices ADM3485EAR Datasheet HTML 7Page - Analog Devices ADM3485EAR Datasheet HTML 8Page - Analog Devices ADM3485EAR Datasheet HTML 9Page - Analog Devices ADM3485EAR Datasheet HTML 10Page - Analog Devices ADM3485EAR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM3485E
Rev. D | Page 7 of 16
TEST CIRCUITS AND SWITCHING CHARACTERISTICS
VOC
RL/2
RL/2
B
A
VOD
Figure 3. Driver Differential Output Voltage and
Common-Mode Output Voltage
RL
375
375
VOD
VCM =
–7V TO +12V
D
VCC
Figure 4. Driver Differential Output Voltage with
Varying Common-Mode Voltage
VOH
IOH
(–)
VID
R
0
IOL
(+)
VOL
Figure 5. Receiver Output Voltage High and Output Voltage Low
IN
OUT
+1.5V
+1.5V
+3V
0V
≈ +2V
≈ –2V
tDD
tDD
tTD
tTD
50%
50%
10%
10%
90%
90%
D
GENERATOR1
VCC
50
CL
RL =
60
CL = 15pF2
OUT
1PPR = 250kHz, 50% DUTY CYCLE, tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 6. Driver Differential Output Delay and Transition Times
3V
0V
VOH
VOL
VOH
VOL
VOM
VOM
VOM
VOM
IN
A
OUT
B
OUT
1.5V
1.5V
tPLH
tPHL
tPHL
tPLH
D
VOM
RL = 27Ω
OUT
CL = 15pF2
GENERATOR1
VCC
50
S1
VOM =
VOH + VOL
2
≈ 1.5V
1PPR = 250kHz, 50% DUTY CYCLE, tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 7. Driver Propagation Delays
D
OUT
CL = 50pF2
GENERATOR1
50
S1
VOM =
VOH + VOL
2
≈ 1.5V
RL = 110Ω
0V OR 3V
1PPR = 250kHz, 50% DUTY CYCLE, tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
0V
VOH
0V
3V
1.5V
1.5V
0.25V
IN
OUT
VOM
tPZH
tPHZ
Figure 8. Driver Enable and Disable Times (tPZH, tPSH, tPHZ)


Similar Part No. - ADM3485EAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485EAR AD-ADM3485EAR Datasheet
119Kb / 11P
   ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV. A
ADM3485EAR AD-ADM3485EAR Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM3485EAR-REEL AD-ADM3485EAR-REEL Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM3485EAR-REEL7 AD-ADM3485EAR-REEL7 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM3485EARZ AD-ADM3485EARZ Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
More results

Similar Description - ADM3485EAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
Rev 1 - April 2021
logo
Analog Devices
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
   ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV. A
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com