Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9563GJ-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP9563GJ-HF
Description  Lower Gate Charge, Simple Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9563GJ-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP9563GJ-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9563GJ-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9563GJ-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9563GJ-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AP9563GH/J-HF
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-40
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-16A
-
-
40
mΩ
VGS=-4.5V, ID=-12A
-
-
60
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-12A
-
18
-
S
IDSS
Drain-Source Leakage Current
VDS=-40V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=125
oC) VDS=-32V, VGS=0V
-
-
-250
uA
IGSS
Gate-Source Leakage
VGS= +25V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=-12A
-
16
30
nC
Qgs
Gate-Source Charge
VDS=-32V
-
2.5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
9
-
nC
td(on)
Turn-on Delay Time
2
VDS=-20V
-
8
-
ns
tr
Rise Time
ID=-12A
-
30
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=-10V
-
35
-
ns
tf
Fall Time
RD=1.6Ω
-70
-
ns
Ciss
Input Capacitance
VGS=0V
-
1140 2340
pF
Coss
Output Capacitance
VDS=-25V
-
140
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
135
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=-12A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
2
IS=-12A, VGS=0V,
-
27
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
19
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
3.Surface mounted on 1 in
2 copper pad of FR4 board
2


Similar Part No. - AP9563GJ-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9563GJ-HF A-POWER-AP9563GJ-HF Datasheet
104Kb / 4P
   Fast Switching Characteristic
AP9563GJ-HF A-POWER-AP9563GJ-HF_14 Datasheet
105Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP9563GJ-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP62T03GJ A-POWER-AP62T03GJ Datasheet
105Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP4511GED-HF A-POWER-AP4511GED-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Lower Gate Charge
AP4800DGM-HF A-POWER-AP4800DGM-HF Datasheet
99Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP4433GM-HF A-POWER-AP4433GM-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Lower Gate Charge
AP4503BGO-HF A-POWER-AP4503BGO-HF Datasheet
151Kb / 7P
   Simple Drive Requirement, Lower Gate Charge
AP4539GM-HF A-POWER-AP4539GM-HF Datasheet
118Kb / 7P
   Simple Drive Requirement, Lower Gate Charge
AP9408AGP A-POWER-AP9408AGP Datasheet
151Kb / 5P
   Lower Gate Charge, Simple Drive Requirement
AP9412GJ A-POWER-AP9412GJ Datasheet
70Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP4034AGM-HF A-POWER-AP4034AGM-HF Datasheet
101Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP9479GM-HF A-POWER-AP9479GM-HF Datasheet
103Kb / 4P
   Simple Drive Requirement, Lower Gate Charge
AP6680BGM-HF A-POWER-AP6680BGM-HF Datasheet
99Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com