Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAT750LT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAT750LT3G
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT750LT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAT750LT3G Datasheet HTML 1Page - Leshan Radio Company LBAT750LT3G Datasheet HTML 2Page - Leshan Radio Company LBAT750LT3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
40
Volts
Power Dissipation(Note 1)
PD
350
mW
Typical Thermal Resistance,
286
Junction to Ambient Air(Note 1)
TJ,
Storage Temperature Range
Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR =300 µA)(Note 2)
V(BR)R
40
45
Volts
Total Capacitance (VR = 0 V, f = 1.0 MHz)
CT
175
pF
Reverse Leakage (VR = 30 V)
IR
50
100
µAdc
Forward Voltage (IF = 100 mAdc)
VF
235
310
mVdc
Forward Voltage (IF = 250 mAdc)
VF
290
350
mVdc
Forward Voltage (IF = 500 mAdc)
VF
340
420
mVdc
Forward Voltage (IF = 50 mAdc)
VF
225
280
mVdc
Forward Voltage (IF = 750 mAdc)
VF
390
490
mVdc
Non–Repetitive Peak Forward Current
IFSM
5.5
Adc
ANODE
1
CATHODE
3
• Very Low Forward Voltage Drop
• High Conductance
SOT-23
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
LBAT750LT1G
3000/Tape&Reel
LBAT750LT3G
10000/Tape&Reel
LESHAN RADIO COMPANY, LTD.
K77
K77
We declare that the material of product
compliance with RoHS requirements.
FEATURES
• For Use in DC-DC Converter,PCMCIA,
and Mobile Telecommunications Applications
Forward Voltage (IF = 1000 mAdc)
VF
420
540
mVdc
Forward Voltage (IF = 1500 mAdc)
VF
475
650
mVdc
Total Capacitance (VR = 25 V, f = 1.0 MHz)
CT
25
pF
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
RMS Reverse Voltage
VR(RMS)
28
Volts
Average Rectified Currect(Note 1)
Io
0.75
Adc
RGJA
°C/W
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
LBAT750LT1G
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
Notes:
1.Part mounted on FR-4 PC board with recommended pad layout
2.Short duration test pulse used to minimize self-heating effect.
1
3
2
Rev.O 1/3


Similar Part No. - LBAT750LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT30LT1G LRC-LBAT30LT1G Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE
LBAT30LT1G LRC-LBAT30LT1G_15 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE
LBAT40-04LT1G LRC-LBAT40-04LT1G Datasheet
457Kb / 4P
   Schottky barrier diode
LBAT40-04LT1G LRC-LBAT40-04LT1G_15 Datasheet
129Kb / 2P
   SCHOTTKY BARRIER DIODE
LBAT40HT1G LRC-LBAT40HT1G Datasheet
233Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - LBAT750LT3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com