Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAT750LT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBAT750LT3G
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT750LT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBAT750LT3G Datasheet HTML 1Page - Leshan Radio Company LBAT750LT3G Datasheet HTML 2Page - Leshan Radio Company LBAT750LT3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
0
0.25
0.50
0
50
100
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
0.75
1.0
25
75
125
0.01
0.1
1.0
10
0.2
0
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 25 C
Pulse width = 300 s
2% duty cycle
j
°
m
V , REVERSE VOLTAGE (V)
R
Fig. 3 Total Capacitance vs Reverse Voltage
1000
1.0
10
100
05
10
15
20
25
25
50
75
100
125
150
1
10
20
50
40
30
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Safe Operating Area
R
R
= 300 C/W
Note 1
(JA
q
°
Note: 1. Assumed application thermal conditions.
RqJA varies depending on application.
LBAT750LT1G
Rev.O 2/3


Similar Part No. - LBAT750LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT30LT1G LRC-LBAT30LT1G Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE
LBAT30LT1G LRC-LBAT30LT1G_15 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE
LBAT40-04LT1G LRC-LBAT40-04LT1G Datasheet
457Kb / 4P
   Schottky barrier diode
LBAT40-04LT1G LRC-LBAT40-04LT1G_15 Datasheet
129Kb / 2P
   SCHOTTKY BARRIER DIODE
LBAT40HT1G LRC-LBAT40HT1G Datasheet
233Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - LBAT750LT3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com