Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3622S Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # E3622S
Description  2C 14 SOLID BC FLEX OAS FLEX Fire Alarm/Life Safety Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

E3622S Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  E3622S Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: E3622S
Date:
10/26/2007
Revision Level:
8
2C 14 SOLID BC FLEX OAS FLEX
Fire Alarm/Life Safety Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#14 AWG Solid Bare Copper
0.012” Wall FLEXGUARD*
0.015” Wall FLEXGUARD* - Red
0.064” nom.
CAROL (R) 14 AWG - - E3622S - - 75C TYPE FPLP E66267-8 (UL) - - MADE IN USA (DATE
CODE & SEQUENTIAL FOOTAGE 1000’ TO 0’)
2C @ 2.50” LHL with AL / PE & # 18 AWG 16/30 TC DW
0.180” nom.
0.088” nom.
0.210" +/- 0.011"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
75C
300V
2.5 Ohms/1000 ft nom
68.02 pF/ft @ 1kHz nom
29.9 Ohms @ 1MHz nom
4.2 Ohms/1000 ft nom
122.44 pF/ft @ 1kHz nom
National Electrical Code
Article 760
UL Standard 1424
Type FPLP
1
2
Black
Red
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - E3622S

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E36200 KEYSIGHT-E36200 Datasheet
861Kb / 14P
   Autoranging Bench Power Supply
March 30, 2019
logo
Agilent(Hewlett-Packard...
E3620A HP-E3620A Datasheet
92Kb / 5P
   Agilent E36XX-Series Manual dc Power Supplies
logo
Keysight Technologies
E3620A KEYSIGHT-E3620A Datasheet
488Kb / 5P
   E3620A and E3630A Non-programmable DC Power Supplies
E36231A KEYSIGHT-E36231A Datasheet
861Kb / 14P
   Autoranging Bench Power Supply
March 30, 2019
E36232A KEYSIGHT-E36232A Datasheet
861Kb / 14P
   Autoranging Bench Power Supply
March 30, 2019
More results

Similar Description - E3622S

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3172 GENERAL-C3172 Datasheet
73Kb / 1P
   2C 14 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
E3632S GENERAL-E3632S Datasheet
74Kb / 1P
   2C 12 SOLID BC FLEX OAS FLEX Fire Alarm/Life Safety Cable
E3542S GENERAL-E3542S Datasheet
74Kb / 1P
   2C 22 SOLID BC FLEX OAS FLEX Fire Alarm/Life Safety Cable
E3522S GENERAL-E3522S Datasheet
75Kb / 1P
   2C 14 SOLID BC FLEX FLEX Fire Alarm/Life Safety Cable
C3174 GENERAL-C3174 Datasheet
73Kb / 1P
   2C 12 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
C3168 GENERAL-C3168 Datasheet
73Kb / 1P
   2C 16 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
C3167 GENERAL-C3167 Datasheet
73Kb / 1P
   2C 18 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
E3502S GENERAL-E3502S Datasheet
75Kb / 1P
   2C 18 SOLID BC FLEX FLEX Fire Alarm/Life Safety Cable
E3482S GENERAL-E3482S Datasheet
74Kb / 1P
   2C 22 SOLID BC FLEX FLEX Fire Alarm/Life Safety Cable
E3532S GENERAL-E3532S Datasheet
74Kb / 1P
   2C 12 SOLID BC FLEX FLEX Fire Alarm/Life Safety Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com