Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU508AF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BU508AF
Description  TV Horizontal Output Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BU508AF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BU508AF Datasheet HTML 1Page - Fairchild Semiconductor BU508AF Datasheet HTML 2Page - Fairchild Semiconductor BU508AF Datasheet HTML 3Page - Fairchild Semiconductor BU508AF Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, December 2002
TO-3PF
NPN Triple Diffused Planar Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW = 300
µs, duty cycle = 1.5% Pulsed
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
1500
V
VCEO
Collector-Emitter Voltage
700
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
5
A
ICP
*Collector Current (Pulse)
15
A
PC
Collector Dissipation (TC=25°C)
60
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
IC = 100mA, IB = 0
700
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 10mA, IC = 0
5
V
ICES
Collector Cut-off Current
VCE = 1500V, VBE = 0
1
mA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
10
mA
hFE
* DC Current Gain
VCE = 5V, IC = 4.5A
2.25
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 4.5A, IB = 2A
1
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = 4.5A, IB = 2A
1.5
V
BU508AF
TV Horizontal Output Applications
1.Base
2.Collector
3.Emitter
1


Similar Part No. - BU508AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU508AF PHILIPS-BU508AF Datasheet
61Kb / 7P
   Silicon Diffused Power Transistor
July 1998 Rev 1.200
logo
Wing Shing Computer Com...
BU508AF WINGS-BU508AF Datasheet
142Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Continental Device Indi...
BU508AF CDIL-BU508AF Datasheet
40Kb / 3P
   NPN POWER TRANSISTORS
logo
STMicroelectronics
BU508AF STMICROELECTRONICS-BU508AF Datasheet
99Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
logo
TRANSYS Electronics Lim...
BU508AF TEL-BU508AF Datasheet
59Kb / 2P
   NPN POWER TRANSISTORS
More results

Similar Description - BU508AF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSD5007 SAMSUNG-KSD5007 Datasheet
189Kb / 6P
   NPN COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
logo
Sanyo Semicon Device
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
   Color TV Horizontal Deflection Output Applications???
2SD2580 SANYO-2SD2580 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD2634 SANYO-2SD2634 Datasheet
30Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD2689LS SANYO-2SD2689LS Datasheet
35Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6089 SANYO-2SC6089 Datasheet
56Kb / 4P
   Color TV Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com