Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4527GH Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP4527GH
Description  Simple Drive Requirement, Good Thermal Performance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4527GH Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP4527GH Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4527GH Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4527GH Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4527GH Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4527GH Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4527GH Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4527GH Datasheet HTML 7Page - Advanced Power Electronics Corp. AP4527GH Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
40
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=6A
-
-
32
VGS=4.5V, ID=4A
-
-
52
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=6A
-
6
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=40V, VGS=0V
-
-
10
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=32V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=±20V
-
-
±100
nA
Qg
Total Gate Charge
2
ID=6A
-
7.7
12
nC
Qgs
Gate-Source Charge
VDS=32V
-
1.5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
4.5
-
nC
td(on)
Turn-on Delay Time
2
VDS=20V
-
4.6
-
ns
tr
Rise Time
ID=6A
-
16
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
17
-
ns
tf
Fall Time
RD=3.3Ω
-
3.2
-
ns
Ciss
Input Capacitance
VGS=0V
-
470
750
pF
Coss
Output Capacitance
VDS=25V
-
55
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
50
-
pF
Rg
Gate Resistance
f=1.0MHz
-
1.5
2.3
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=2.4A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
2
IS=6A, VGS=0V
-
19
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
13
-
nC
2/7
AP4527GH
N-CH Electrical Characteristics@ Tj=25
oC(unless otherwise specified)


Similar Part No. - AP4527GH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4527GH A-POWER-AP4527GH_14 Datasheet
198Kb / 8P
   Simple Drive Requirement
More results

Similar Description - AP4527GH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4500GYT-HF A-POWER-AP4500GYT-HF Datasheet
152Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4526AGH-HF A-POWER-AP4526AGH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4531GH A-POWER-AP4531GH Datasheet
193Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4528GH A-POWER-AP4528GH Datasheet
196Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4509AGH-HF A-POWER-AP4509AGH-HF Datasheet
125Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4511GH-A A-POWER-AP4511GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4563GH-HF A-POWER-AP4563GH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4578GH-HF A-POWER-AP4578GH-HF Datasheet
128Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4513GH-A A-POWER-AP4513GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4543GEH-HF A-POWER-AP4543GEH-HF Datasheet
183Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4578GH A-POWER-AP4578GH_11 Datasheet
128Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com