Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMY30K2M1-GS08 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VLMY30K2M1-GS08
Description  Low Current SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY30K2M1-GS08 Datasheet(HTML) 7 Page - Vishay Siliconix

  VLMY30K2M1-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMY30K2M1-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMY30K2M1-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMY30K2M1-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMY30K2M1-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMY30K2M1-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMY30K2M1-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMY30K2M1-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMY30K2M1-GS08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Vishay Semiconductors
VLMO30.., VLMS30.., VLMY30..
Document Number 81322
Rev. 1.2, 01.-Dec-09
www.vishay.com
7
For technical support, please contact: LED@vishay.com
METHOD OF TAPING/POLARITY AND TAPE AND REEL
SMD LED (VLM.3 - SERIES)
Vishay’s LEDs in SMD packages are available in an
antistatic 8 mm blister tape (in accordance with DIN
IEC 40 (CO) 564) for automatic component insertion.
The blister tape is a plastic strip with impressed
component cavities, covered by a top tape.
TAPING OF VLM.3...
REEL PACKAGE DIMENSION IN MILLIMETERS
FOR SMD LEDS, TAPE OPTION GS08
(= 1500 PCS.)
REEL PACKAGE DIMENSION IN MILLIMETERS
FOR SMD LEDS, TAPE OPTION GS18
(= 8000 PCS.) PREFERRED
Figure 8. Tape Dimensions in mm for PLCC-2
Adhesive tape
Component cavity
Blister tape
94 8670
1.85
1.65
4.0
3.6
3.6
3.4
2.05
1.95
1.6
1.4
4.1
3.9
4.1
3.9
5.75
5.25
8.3
7.7
3.5
3.1
2.2
2.0
0.25
94 8668
Figure 9. Reel Dimensions - GS08
Figure 10. Reel Dimensions - GS18
180
178
4.5
3.5
2.5
1.5
13.00
12.75
63.5
60.5
14.4 max.
10.0
9.0
120°
94 8665
Identification
Label:
Vishay
type
group
tape code
production
code
quantity
321
329
Identification
4.5
3.5
2.5
1.5
13.00
12.75
62.5
60.0
14.4 max.
10.4
8.4
120°
18857
Label:
Vishay
type
group
tape code
production
code
quantity


Similar Part No. - VLMY30K2M1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY30K2M1-GS08 VISHAY-VLMY30K2M1-GS08 Datasheet
184Kb / 9P
   Low Current SMD LED PLCC-2
VLMY30K2M1-GS08 VISHAY-VLMY30K2M1-GS08 Datasheet
262Kb / 8P
   Low Current SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMY30K2M1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMT3100 VISHAY-TLMT3100 Datasheet
78Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
TLMC3101 VISHAY-TLMC3101 Datasheet
78Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
TLMA3100 VISHAY-TLMA3100 Datasheet
77Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
TLMC3100 VISHAY-TLMC3100 Datasheet
58Kb / 6P
   Low Current SMD LED
Rev. A2, 06-Jun-00
logo
HK TO-GRACE TECHNOLOGY ...
VLMY10J2K2-4 TO-GRACE-VLMY10J2K2-4 Datasheet
736Kb / 8P
   Low Current 0603 SMD LED
TLMO1000 TO-GRACE-TLMO1000 Datasheet
824Kb / 11P
   Low Current 0603 SMD LED
logo
Vishay Siliconix
VLMY10J2K2-4 VISHAY-VLMY10J2K2-4 Datasheet
168Kb / 8P
   Low Current 0603 SMD LED
TLMY1000 VISHAY-TLMY1000_V02 Datasheet
248Kb / 12P
   Low Current 0603 SMD LED
01-Jan-2023
TLMO1000 VISHAY-TLMO1000_V01 Datasheet
204Kb / 11P
   Low Current 0603 SMD LED
01-Jan-2022
VLMS20 VISHAY-VLMS20_V01 Datasheet
350Kb / 11P
   Low Current Mini SMD LED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com