Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS100 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # BSS100
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BSS100 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  BSS100 Datasheet HTML 1Page - Fairchild Semiconductor BSS100 Datasheet HTML 2Page - Fairchild Semiconductor BSS100 Datasheet HTML 3Page - Fairchild Semiconductor BSS100 Datasheet HTML 4Page - Fairchild Semiconductor BSS100 Datasheet HTML 5Page - Fairchild Semiconductor BSS100 Datasheet HTML 6Page - Fairchild Semiconductor BSS100 Datasheet HTML 7Page - Fairchild Semiconductor BSS100 Datasheet HTML 8Page - Fairchild Semiconductor BSS100 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BSS100 Rev. F1 / BSS123 Rev. F1
1
5
10
20
50
100 150
0 .005
0 .01
0 .05
0 .1
0 .2
0 .5
1
2
V
, DRAIN-SOURCE VOLTAGE (V)
V
= 20V
SINGLE PULSE
T
= 25°C
A
GS
DS
100
m s
1m
s
10
m s
DC
1s
100us
10
s
RDS(ON)
Li
m
it
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.01
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0 .05
0 .02
0 .01
0 .2
Duty Cycle, D = t
/t
1
2
R
(t) = r(t) * R
R
= 347 C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
o
1
5
10
20
50
100 150
0 .005
0 .01
0 .05
0 .1
0 .2
0 .5
1
2
V
, DRAIN-SOURCE VOLTAGE (V)
V
= 20V
SINGLE PULSE
T
= 25°C
A
GS
DS
100
m s
1m
s
10
m s
DC
1s
100u
s
10
s
RDS(ON)
Li
mit
0.0001
0.001
0.01
0.1
1
10
100
300
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0 .02
0.01
0 .2
Duty Cycle, D = t
/t
1
2
R
(t) = r(t) * R
R
= 200 C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
o
Figure 12. BSS100 Maximum Safe
Operating Area.
Figure 15. BSS123 Transient Thermal Response Curve
.
Figure 13. BSS123 Maximum Safe
Operating Area.
Figure 14. BSS100 Transient Thermal Response Curve.


Similar Part No. - BSS100

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS100 SIEMENS-BSS100 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results

Similar Description - BSS100

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com