Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8050QLT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L8050QLT3G
Description  General Purpose Transistors NPN Silicon Epitaxial planar type.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L8050QLT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  L8050QLT3G Datasheet HTML 1Page - Leshan Radio Company L8050QLT3G Datasheet HTML 2Page - Leshan Radio Company L8050QLT3G Datasheet HTML 3Page - Leshan Radio Company L8050QLT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
25
V
Collector-Base Voltage
VCBO
40
V
Emitter-Base Voltage
VEBO
5V
Collector Current-continuoun
IC
800
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,(1)
PD
TA=25°C
225
mW
Derate above 25°C
1.8
mW/°C
Thermal Resistance,Junction to Ambient
R
θJA
556
°C/W
Total Device Dissipation
PD
Alumina Substrate,(2) TA=25°C
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance,Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature
T j, T St g
-55 to +150
°C
1
3
2
SOT–23
1
BASE
2
EMITTER
COLLECTOR
3
FEATURE
High current capacity in compact package.
IC = 0.8A.
Epitaxial planar type.
NPN complement: L8050
Pb-Free Package is available.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
L8050PLT1G
80P
L8050PLT3G
80P
L8050QLT1G
1YC
L8050QLT3G
1YC
Shipping
3000/Tape&Reel
10000/Tape&Reel
3000/Tape&Reel
10000/Tape&Reel
NPN Silicon
L8050RLT1G
1YE
L8050RLT3G
1YE
80S
3000/Tape&Reel
10000/Tape&Reel
3000/Tape&Reel
10000/Tape&Reel
80S
L8050SLT1G
L8050SLT3G
L8050PLT1G
Series
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Rev.O 1/4


Similar Part No. - L8050QLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L8050QLT1 LRC-L8050QLT1 Datasheet
46Kb / 3P
   General Purpose Transistors NPN Silicon
L8050QLT1G LRC-L8050QLT1G Datasheet
46Kb / 3P
   General Purpose Transistors NPN Silicon
L8050QLT1G LRC-L8050QLT1G_15 Datasheet
75Kb / 4P
   General Purpose Transistors
More results

Similar Description - L8050QLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LH8050PLT1G LRC-LH8050PLT1G Datasheet
565Kb / 4P
   General Purpose Transistors NPN Silicon Epitaxial planar type.
L8050HPLT1G LRC-L8050HPLT1G_11 Datasheet
81Kb / 3P
   General Purpose Transistors NPN Silicon Epitaxial planar type.
L8550HPLT1G LRC-L8550HPLT1G_11 Datasheet
85Kb / 3P
   General Purpose Transistors PNP Silicon Epitaxial planar type.
logo
Cystech Electonics Corp...
HBC8472S6R CYSTEKEC-HBC8472S6R Datasheet
258Kb / 6P
   General Purpose NPN Epitaxial Planar Transistors
HBN2411S6R CYSTEKEC-HBN2411S6R Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistors
HBC8471S6R CYSTEKEC-HBC8471S6R Datasheet
257Kb / 6P
   General Purpose NPN Epitaxial Planar Transistors
HBN2412C6 CYSTEKEC-HBN2412C6 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistors
HBN2222S6R CYSTEKEC-HBN2222S6R Datasheet
168Kb / 4P
   General Purpose NPN Epitaxial Planar Transistors
logo
Leshan Radio Company
L2SA812QLT1G LRC-L2SA812QLT1G Datasheet
147Kb / 5P
   General Purpose Transistors Epitaxial planar type.
logo
Cystech Electonics Corp...
HBN2412S6R CYSTEKEC-HBN2412S6R Datasheet
182Kb / 5P
   General Purpose NPN Epitaxial Planar Transistors (dual transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com