Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2SK3019LT3G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # L2SK3019LT3G
Description  Silicon N-Channel MOSFET Fast switching speed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SK3019LT3G Datasheet(HTML) 3 Page - Leshan Radio Company

  L2SK3019LT3G Datasheet HTML 1Page - Leshan Radio Company L2SK3019LT3G Datasheet HTML 2Page - Leshan Radio Company L2SK3019LT3G Datasheet HTML 3Page - Leshan Radio Company L2SK3019LT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
L2SK3019LT1G
−50
0
25
150
0
3
6
9
CHANNEL TEMPERATURE : Tch (
°C)
−25
50
75
100 125
2
1
4
5
7
8
VGS
=4V
Pulsed
ID
=100mA
ID
=50mA
Fig.7 Static drain-source on-state
resistance vs. channel
temperature
0.0001
0.001
0.01
0.02
0.5
DRAIN CURRENT : ID (A)
0.005
0.0002
0.0005 0.001 0.002
0.005 0.01 0.02
0.05
0.05
0.1
0.2
0.1
0.2
0.5
0.002
Ta
=−25°C
25
°C
75
°C
125
°C
VDS
=3V
Pulsed
Fig.8 Forward transfer
admittance vs. drain current
200m
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
VGS
=0V
Pulsed
Ta
=125°C
75
°C
25
°C
−25°C
Fig.9 Reverse drain current vs.
source-drain voltage (
Ι)
200m
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
Ta
=25°C
Pulsed
VGS
=4V
0V
Fig.10 Reverse drain current vs.
source-drain voltage (
ΙΙ)
0.1
1
2
50
DRAIN-SOURCE VOLTAGE : VDS (V)
0.5
0.2
0.5
1
2
5
10
20
50
5
10
20
Ciss
Coss
Crss
Ta
=25°C
f
=1MHZ
VGS
=0V
Fig.11 Typical capacitance vs.
drain-source voltage
0.1
10
20
500
DRAIN CURRENT : ID (mA)
5
0.2
0.5
1
2
5
10
20
50
50
100
200
1000
2
100
Ta
=25°C
VDD
=5V
VGS
=5V
RG
=10Ω
Pulsed
td(off)
tr
td(on)
tf
Fig.12 Switching characteristics
(See Figures 13 and 14 for
the measurement circuit
and resultant waveforms)
Switching characteristics measurement circuit
Fig.13 Switching time measurement circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
50%
10%
90%
10%
50%
Pulse width
10%
VGS
VDS
90%
tf
toff
td (off)
tr
ton
td (on)
Fig.14 Switching time waveforms
Rev .A 3/4


Similar Part No. - L2SK3019LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
More results

Similar Description - L2SK3019LT3G

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INK0002AX ISAHAYA-INK0002AX_08 Datasheet
138Kb / 4P
    High speed switching Silicon N-channel MOSFET
INK0010AX ISAHAYA-INK0010AX Datasheet
138Kb / 4P
   High speed switching Silicon N-channel MOSFET
INK0012AX ISAHAYA-INK0012AX Datasheet
139Kb / 4P
   High speed switching Silicon N-channel MOSFET
INK021ABS1 ISAHAYA-INK021ABS1 Datasheet
146Kb / 5P
   High Speed Switching Silicon N-channel MOSFET
logo
Guangdong Kexin Industr...
KW306 KEXIN-KW306 Datasheet
52Kb / 2P
   N-Channel Silicon MOSFET High Speed Switching
logo
Isahaya Electronics Cor...
INK0001AX ISAHAYA-INK0001AX_08 Datasheet
138Kb / 4P
   High speed switching Silicon N-channel MOSFET
INK0003AX ISAHAYA-INK0003AX_08 Datasheet
138Kb / 4P
   High speed switching Silicon N-channel MOSFET
logo
NEC
2SK654 NEC-2SK654 Datasheet
136Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOSFET
2SK829 NEC-2SK829 Datasheet
142Kb / 4P
   FAST SWITCHING N CHANNEL SILICON POWER MOSFET
2SK821 NEC-2SK821 Datasheet
153Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com