Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSR18A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BSR18A
Description  PNP General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BSR18A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BSR18A Datasheet HTML 1Page - Fairchild Semiconductor BSR18A Datasheet HTML 2Page - Fairchild Semiconductor BSR18A Datasheet HTML 3Page - Fairchild Semiconductor BSR18A Datasheet HTML 4Page - Fairchild Semiconductor BSR18A Datasheet HTML 5Page - Fairchild Semiconductor BSR18A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
BSR18A
PNP General Purpose Amplifier
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
TA = 25°C unless otherwise noted
This device is designed as a general purpose amplifier and
switching applications at collector currents of 10
µA to 100
mA. Sourced from Process 66.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
200
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
*BSR18A
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
C
E
B
SOT-23
Mark: T92
*Device mounted on FR-4 PCB 40 mm X 40 mm X 1.5 mm.
1997 Fairchild Semiconductor Corporation
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
3) All voltages (V) and currents (A) are negative polarity for PNP transistors.


Similar Part No. - BSR18A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR18A PHILIPS-BSR18A Datasheet
62Kb / 8P
   PNP switching transistor
1997 May 28
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Continental Device Indi...
BSR18A CDIL-BSR18A Datasheet
150Kb / 4P
   SILICON LOW?밣OWER SWITCHING TRANSISTORS
logo
Fairchild Semiconductor
BSR18A FAIRCHILD-BSR18A Datasheet
134Kb / 7P
   PNP General-Purpose Amplifier
BSR18A FAIRCHILD-BSR18A_14 Datasheet
134Kb / 7P
   PNP General-Purpose Amplifier
More results

Similar Description - BSR18A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com