Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB3000 Datasheet(PDF) 3 Page - 3M Electronics

Part # TB3000
Description  Hook and Loop Fasteners Trial Bags
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TB3000 Datasheet(HTML) 3 Page - 3M Electronics

  TB3000 Datasheet HTML 1Page - 3M Electronics TB3000 Datasheet HTML 2Page - 3M Electronics TB3000 Datasheet HTML 3Page - 3M Electronics TB3000 Datasheet HTML 4Page - 3M Electronics TB3000 Datasheet HTML 5Page - 3M Electronics TB3000 Datasheet HTML 6Page - 3M Electronics TB3000 Datasheet HTML 7Page - 3M Electronics TB3000 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3M
Hook and Loop Fasteners Trial Bags
Product
Construction
Note: The following technical information and data should be considered representative it is not
product release requirements, nor product specifications. Rather this data represent
typical performance using standard test methods. This is intended for use as a guide to
assist in selection of 3M™ Hook and Loop Fasteners for further evaluation. Customer
specifications should not be based solely on the data presented in this document.
3M™ Hook
and Loop
Fasteners
Material
Backing
Unmated
Mated
without
Liner
Liner
Full Roll
Product
Number
3M™ Fasteners
TB3000
Hook-polypropylene
Loop-Nylon
No Adhesive
Back to Back
Hook and Loop
0.027"
0.053"
(1.3 mm)
none
SJ3000
TB3401
TB3402
Loop-Woven Nylon
Hook-Woven Nylon
No Adhesive
Sew on
0.080" (2.0mm)
0.080" (2.0mm)
0.125"
(3.2mm)
none
SJ3401
SJ3402
TB3506
TB3507
Hook-polypropylene
Loop-Polyester
General Purpose
Acrylic
.023" (.59mm)
.012" (.30mm)
.32"
(.80mm)
83 lb Brown
Polykraft with
green 3M
SJ3506
SJ3507
TB3526N
TB3527N
Hook-Woven Nylon
Loop-Woven Nylon
High Performance
Rubber PSA
.091" (.59mm)
.125" (.30mm)
.14"
(3.6 mm)
3 mil White
Polyethylene
with red
“3M”
SJ3526N
SJ3527N
TB3530
TB3531
Hook-Woven Nylon
Loop-Woven Nylon
General Purpose
Rubber PSA
.091" (.59mm)
.125" (.30mm)
.14"
(3.6 mm)
3 mil White
Polypropylene
SJ3530
SJ3531
TB3546
TB3547
Hook-Woven Nylon
Loop-Woven Nylon
General Purpose
Acrylic
.091" (.59mm)
.125" (.30mm)
.14"
(3.6 mm)
4.0 mil Clear
Silicone treated
Polyolefin with
embossed
3M logo
SJ3546
SJ3547
TB3571
TB3572
Hook-Woven Nylon
Loop-Woven Nylon
High Performance
Acrylic PSA
.091" (.59mm)
.125" (.30mm)
.14"
(3.6 mm)
4.0 mil Clear
Polyolefin with
embossed
3M logo
SJ3571
SJ3572
TB3576
TB3577
Hook-Woven Polyester
Loop-Woven Polyester
High Performance
Acrylic PSA
.080" (2.0mm)
.065" (1.7mm)
.14"
(3.6 mm)
4.0 mil Clear
Polyolefin with
embossed
3M logo
SJ3576
SJ3577
- 3 -


Similar Part No. - TB3000

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TB300-08 COOPER-TB300-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
logo
Amphenol Corporation
TB300-HDB10P-BAC AMPHENOL-TB300-HDB10P-BAC Datasheet
302Kb / 8P
   Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
TB300-HDB5P-BAC AMPHENOL-TB300-HDB5P-BAC Datasheet
302Kb / 8P
   Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
TB300-HDW10P-BAC AMPHENOL-TB300-HDW10P-BAC Datasheet
302Kb / 8P
   Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
TB300-HDW5P-BAC AMPHENOL-TB300-HDW5P-BAC Datasheet
302Kb / 8P
   Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
More results

Similar Description - TB3000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TB3540 3M-TB3540 Datasheet
36Kb / 5P
   Dual Lock??Reclosable Fasteners Trial Bags
TB3571 3M-TB3571 Datasheet
222Kb / 6P
   3M??Hook and Loop Fastener Trial Bag TB3571 / TB3572
TB3526N 3M-TB3526N Datasheet
220Kb / 6P
   3M??Hook and Loop Fastener Trial Bag TB3526N / TB3527N
logo
PANDUIT CORP.
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
   Hook and Loop Cable Ties
logo
3M Electronics
SJ-3526 3M-SJ-3526 Datasheet
35Kb / 8P
   SJ3526N and SJ3527N Family Nylon Hook and Loop
D341020 3M-D341020 Datasheet
30Kb / 1P
   Shielded Bags, Standard and Zipped
logo
PANDUIT CORP.
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
   Tak-Ty Hook Loop Cable Tie Mounts
logo
PHOENIX CONTACT
1200100 PHOENIX-1200100 Datasheet
74Kb / 3P
   Rugged and heavy-duty tool bags
logo
PANDUIT CORP.
HLT21 PANDUIT-HLT21 Datasheet
57Kb / 1P
   TAK-TY HOOK & LOOP CABLE TIES HLT SERIES
logo
Schneider Electric
VRKP4YYYYY00016 SCHNEIDER-VRKP4YYYYY00016 Datasheet
101Kb / 2P
   cable bushing with lids and fasteners
Apr 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com