Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2SA812SLT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # L2SA812SLT1G
Description  General Purpose Transistors Epitaxial planar type.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SA812SLT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  L2SA812SLT1G Datasheet HTML 1Page - Leshan Radio Company L2SA812SLT1G Datasheet HTML 2Page - Leshan Radio Company L2SA812SLT1G Datasheet HTML 3Page - Leshan Radio Company L2SA812SLT1G Datasheet HTML 4Page - Leshan Radio Company L2SA812SLT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
Fig.7 Collector-emitter saturation voltage vs.
collector current ( )
–1
–0.5
–0.2
–0.1
–0.05
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 100°C
25°C
–40°C
I C /I B = 10
Fig.8 Gain bandwidth product vs. emitter current
1000
500
200
100
50
I
E, EMITTER CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 25°C
V CE = –12V
Fig.9 Collector output capacitance vs.collector-base voltage
Emitter inputcapacitance vs. emitter-base voltage
20
10
5
2
V
CB, COLLECTOR TO BASE VOLTAGE (V)
V
EB, EMITTER TO BASE VOLTAGE (V)
–0.5
–1
–2
–5
–10
–20
T A = 25°C
f =1MHz
I E = 0A
I C = 0A
C ib
C ob
L2SA812QLT1G Series
Rev.O 4/5


Similar Part No. - L2SA812SLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA812SLT1G LRC-L2SA812SLT1G Datasheet
150Kb / 5P
   General Purpose Transistors
L2SA812SLT1G LRC-L2SA812SLT1G_15 Datasheet
196Kb / 5P
   S- Prefix for Automotive and Other Applications Requiring Unique Site
More results

Similar Description - L2SA812SLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LH8050PLT1G LRC-LH8050PLT1G Datasheet
565Kb / 4P
   General Purpose Transistors NPN Silicon Epitaxial planar type.
L8050HPLT1G LRC-L8050HPLT1G_11 Datasheet
81Kb / 3P
   General Purpose Transistors NPN Silicon Epitaxial planar type.
L8550HPLT1G LRC-L8550HPLT1G_11 Datasheet
85Kb / 3P
   General Purpose Transistors PNP Silicon Epitaxial planar type.
L8050PLT1G LRC-L8050PLT1G Datasheet
71Kb / 4P
   General Purpose Transistors NPN Silicon Epitaxial planar type.
logo
Diotec Semiconductor
2N4401 DIOTEC-2N4401 Datasheet
102Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC337-XBK DIOTEC-BC337-XBK Datasheet
95Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC546XBK DIOTEC-BC546XBK Datasheet
87Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
logo
Cystech Electonics Corp...
HBA1873S5 CYSTEKEC-HBA1873S5 Datasheet
267Kb / 7P
   General Purpose PNP Epitaxial Planar Transistors
HBC8472S6R CYSTEKEC-HBC8472S6R Datasheet
258Kb / 6P
   General Purpose NPN Epitaxial Planar Transistors
logo
Diotec Semiconductor
2N5400 DIOTEC-2N5400 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com