Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2N60P Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2N60P
Description  600V N-Channel MOSFET Low gane charge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N60P Datasheet(HTML) 1 Page - Leshan Radio Company

  L2N60P Datasheet HTML 1Page - Leshan Radio Company L2N60P Datasheet HTML 2Page - Leshan Radio Company L2N60P Datasheet HTML 3Page - Leshan Radio Company L2N60P Datasheet HTML 4Page - Leshan Radio Company L2N60P Datasheet HTML 5Page - Leshan Radio Company L2N60P Datasheet HTML 6Page - Leshan Radio Company L2N60P Datasheet HTML 7Page - Leshan Radio Company L2N60P Datasheet HTML 8Page - Leshan Radio Company L2N60P Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LESHAN RADIO COMPANY, LTD.
600V N-Channel MOSFET
DESCRIPTION
FEATURES
7KLV DGYDQFHG WHFKQRORJ\ KDV EHHQ HVSHFLDOO\ WDLORUHG WR
PLQLPL]H RQVWDWH UHVLVWDQFH SURYLGH VXSHULRU VZLWFKLQJ
SHUIRUPDQFH DQG ZLWKVWDQG KLJK HQHUJ\ SXOVH LQ WKH
DYDODQFKH DQG FRPPXWDWLRQ PRGH 7KHVH GHYLFHV DUH ZHOO
VXLWHG IRU KLJK HIILFLHQF\ VZLWFKHG PRGH SRZHU VXSSOLHV
DFWLYH SRZHU IDFWRU FRUUHFWLRQ HOHFWURQLF ODPS EDOODVWV
EDVHG RQ KDOI EULGJH WRSRORJ\
‡ $ 9 5
‡ /RZ JDWHFKDUJH
‡ /RZ &UVV
‡ )DVW VZLWFKLQJ
‡ ,PSURYHGGYGW FDSDELOLW\
ORDERING INFORMATION
DS(ON) = 5.0
@VGS = 10V
Ω
L2N60
Package
1
2
3
Packing
G
D
S
Tube
G
D
S
Tube
Order Number
Pin Assignment
L2N60F
L2N60P
TO-220
TO-220F
GD
S
L2N60I
TO-251
L2N60D
TO-252
G
D
S
Tube
G
D
S
Tube
2
3
1
Rev .O 1/9


Similar Part No. - L2N60P

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2N600 LRC-L2N600 Datasheet
396Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - L2N60P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY25NA60 STMICROELECTRONICS-STY25NA60 Datasheet
82Kb / 8P
   N - CHANNEL 600V - 0.225ohm - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com