Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2N60P Datasheet(PDF) 9 Page - Leshan Radio Company

Part # L2N60P
Description  600V N-Channel MOSFET Low gane charge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N60P Datasheet(HTML) 9 Page - Leshan Radio Company

  L2N60P Datasheet HTML 1Page - Leshan Radio Company L2N60P Datasheet HTML 2Page - Leshan Radio Company L2N60P Datasheet HTML 3Page - Leshan Radio Company L2N60P Datasheet HTML 4Page - Leshan Radio Company L2N60P Datasheet HTML 5Page - Leshan Radio Company L2N60P Datasheet HTML 6Page - Leshan Radio Company L2N60P Datasheet HTML 7Page - Leshan Radio Company L2N60P Datasheet HTML 8Page - Leshan Radio Company L2N60P Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TO-252-2L
: mm
: mm
TO-251-3L
LESHAN RADIO COMPANY, LTD.
7
Rev .O 9/9


Similar Part No. - L2N60P

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2N600 LRC-L2N600 Datasheet
396Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - L2N60P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY25NA60 STMICROELECTRONICS-STY25NA60 Datasheet
82Kb / 8P
   N - CHANNEL 600V - 0.225ohm - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com