Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9918GJ Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP9918GJ
Description  Low on-resistance, Capable of 2.5V gate drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9918GJ Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP9918GJ Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9918GJ Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9918GJ Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9918GJ Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9918GJ Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9918GJ Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP9918GH/J
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
Q G , Total Gate Charge (nC)
I D =18A
V DS =15V
V DS =20V
V DS =10V
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
0
50
100
150
Junction Temperature (
o C )
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
V SD (V)
T j =25
o C
T j =150
o C
10
100
1000
10000
1
5
9
1317
2125
29
V DS (V)
f=1.0MHz
Ciss
Coss
Crss


Similar Part No. - AP9918GJ

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9918GH A-POWER-AP9918GH Datasheet
222Kb / 6P
   Low on-resistance, Capable of 2.5V gate drive
More results

Similar Description - AP9918GJ

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4436GM A-POWER-AP4436GM Datasheet
183Kb / 5P
   Low on-resistance, Capable of 2.5V gate drive
AP9924AGO-HF A-POWER-AP9924AGO-HF Datasheet
101Kb / 4P
   Low on-resistance, Capable of 2.5V gate drive
AP4224LGM-HF A-POWER-AP4224LGM-HF Datasheet
80Kb / 2P
   Low On-Resistance, Capable of 2.5V Gate Drive
AP4434GM A-POWER-AP4434GM Datasheet
182Kb / 5P
   Low on-resistance, Capable of 2.5V gate drive
AP9916GH A-POWER-AP9916GH Datasheet
85Kb / 6P
   Low on-resistance, Capable of 2.5V gate drive
AP9918GH A-POWER-AP9918GH Datasheet
222Kb / 6P
   Low on-resistance, Capable of 2.5V gate drive
AP9924GO A-POWER-AP9924GO Datasheet
98Kb / 4P
   Low on-resistance, Capable of 2.5V gate drive
AP9916GJ A-POWER-AP9916GJ Datasheet
85Kb / 6P
   Low on-resistance, Capable of 2.5V gate drive
AP2306CGN-HF A-POWER-AP2306CGN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower on-resistance
AP2306CGTN-HF A-POWER-AP2306CGTN-HF Datasheet
102Kb / 4P
   Capable of 2.5V Gate Drive, Lower On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com