Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BD533 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. BD533
Description  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter Saturation Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
0.01
0.1
1
10
10
100
1000
VCE = 2V
IC[A], COLLECTOR CURRENT
0.1
1
10
0.01
0.1
1
IC = 10 IB
IC[A], COLLECTOR CURRENT
0.1
1
10
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
IC = 10 IB
IC[A], COLLECTOR CURRENT
110
100
0.1
1
10
BD533
100
µs
10
µs
1m
s
10m
s
BD537
BD535
DC
IC Max.
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
10
20
30
40
50
60
70
80
TC[
oC], CASE TEMPERATURE




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BD239Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD240Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD241Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD242Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD243Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
2N6121Medium Power Linear and Switching Applications 1 2 Boca Semiconductor Corporation
BD244Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD375Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD376Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD433Medium Power Linear and Switching Applications 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl