Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BD440 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. BD440
Description  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Collector-Base Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0.01
-0.1
-1
-10
1
10
100
1000
VCE = -1V
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-0.01
-0.1
-1
IC = 10 IB
IC[A], COLLECTOR CURRENT
-0.0
-0.3
-0.5
-0.8
-1.0
-1.3
-1.5
-1.8
-2.0
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
VCE = -1V
VBE[V], BASE-EMITTER VOLTAGE
-0.1
-1
-10
-100
1
10
100
1000
V
CB[V], COLLECTOR BASE VOLTAGE
-1
-10
-100
-0.1
-1
-10
1
µs
10
µs
10
0µ
s
1m
s
10
ms
IC MAX. (Pulsed)
BD442
BD440
DC
IC Max. (Continuous)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
6
12
18
24
30
36
42
48
TC[
oC], CASE TEMPERATURE




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BD239Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD240Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD241Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD242Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD243Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
2N6121Medium Power Linear and Switching Applications 1 2 Boca Semiconductor Corporation
BD244Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD375Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD376Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD433Medium Power Linear and Switching Applications 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl