Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD435 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BD435
Description  Medium Power Linear and Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD435 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BD435 Datasheet HTML 1Page - Fairchild Semiconductor BD435 Datasheet HTML 2Page - Fairchild Semiconductor BD435 Datasheet HTML 3Page - Fairchild Semiconductor BD435 Datasheet HTML 4Page - Fairchild Semiconductor BD435 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=300
µs, duty Cycle=1.5% Pulsed
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: BD433
: BD435
: BD437
IC = 100mA, IB = 0
22
32
45
V
V
V
ICBO
Collector Cut-off Current
: BD433
: BD435
: BD437
VCB = 22V, IE = 0
VCB = 32V, IE = 0
VCB = 45V, IE = 0
100
100
100
µA
µA
µA
ICEO
Collector Cut-off Current
: BD433
: BD435
: BD437
VCE = 22V, VBE = 0
VCE = 32V, VBE = 0
VCE = 45V, VBE = 0
100
100
100
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1
mA
hFE
* DC Current Gain
: BD433/435
: BD437
: ALL DEVICE
: BD433/435
: BD437
VCE = 5V, IC = 10mA
VCE = 1V, IC = 500mA
VCE = 1V, IC = 2A
40
30
85
50
40
130
130
140
VCE(sat)
* Collector-Emitter Saturation Voltage
: BD433
: BD435
: BD437
IC = 2A, IB = 0.2A
0.2
0.2
0.2
0.5
0.5
0.6
V
V
V
VBE(on)
* Base-Emitter ON Voltage
: BD433
: BD435
: BD437
VCE = 1V, IC = 2A
1.1
1.1
1.2
V
V
V
fT
Current Gain Bandwidth Product
VCE = 1V, IC = 250mA
3
MHz


Similar Part No. - BD435

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD435 STMICROELECTRONICS-BD435 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
SHENZHEN YONGERJIA INDU...
BD435 WINNERJOIN-BD435 Datasheet
102Kb / 1P
   TRANSISTOR (NPN)
logo
Siemens Semiconductor G...
BD435 SIEMENS-BD435 Datasheet
183Kb / 5P
   PNP SILICON EPIBASE TRANSISTORS
logo
Savantic, Inc.
BD435 SAVANTIC-BD435 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
More results

Similar Description - BD435

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com