Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP6922GMT-HF Datasheet(PDF) 7 Page - Advanced Power Electronics Corp.

Part # AP6922GMT-HF
Description  Simple Drive Requirement, Easy for Synchronous Buck Converter Application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6922GMT-HF Datasheet(HTML) 7 Page - Advanced Power Electronics Corp.

  AP6922GMT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6922GMT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6922GMT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6922GMT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6922GMT-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6922GMT-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP6922GMT-HF Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AP6922GMT-HF
Channel-2
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Maximum Continuous Drain Current
v.s. Case Temperature
7
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V DS ,Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=60
oC/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor = 0.5
Single Pulse
0
2
4
6
8
10
0
20
406080
Q G , Total Gate Charge (nC)
I D =20A
V DS =15V
0
1000
2000
3000
4000
5000
1
5
9
1317
2125
29
V DS ,Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
Operation in this
area limited by
RDS(ON)
0
40
80
120
160
0123
456
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
0
20
40
60
80
100
25
50
75
100
125
150
T C , Case Temperature (
o C )
T j =-40
o C


Similar Part No. - AP6922GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6922GMT-HF A-POWER-AP6922GMT-HF_14 Datasheet
135Kb / 7P
   Simple Drive Requirement
AP6922GMT-HF A-POWER-AP6922GMT-HF_16 Datasheet
133Kb / 8P
   Simple Drive Requirement
More results

Similar Description - AP6922GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6920GMT-HF A-POWER-AP6920GMT-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Easy for Synchronous Buck Converter Application
AP6923GMT-HF A-POWER-AP6923GMT-HF Datasheet
135Kb / 7P
   Simple Drive Requirement, Easy for Synchronous Buck Converter Application
AP6921GMT-HF A-POWER-AP6921GMT-HF Datasheet
133Kb / 7P
   Simple Drive Requirement, Easy for Synchronous Buck Converter Application
AP6928GMT-HF A-POWER-AP6928GMT-HF Datasheet
135Kb / 7P
   Simple Drive Requirement, Easy for Synchronous Buck Converter Application
AP6950GYT-HF A-POWER-AP6950GYT-HF Datasheet
134Kb / 7P
   Simple Drive Requirement, Easy for Synchronous Buck Converter Application
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com