Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP6901AGSM-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP6901AGSM-HF
Description  Simple Drive Requirement, DC-DC Converter Suitable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6901AGSM-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP6901AGSM-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6901AGSM-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6901AGSM-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6901AGSM-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6901AGSM-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6901AGSM-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP6901AGSM-HF Datasheet HTML 7Page - Advanced Power Electronics Corp. AP6901AGSM-HF Datasheet HTML 8Page - Advanced Power Electronics Corp. AP6901AGSM-HF Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP6901AGSM-HF
Schottky Specifications@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VF
Forward Voltage Drop
IF=1.0A
-
0.47
0.5
V
Irm
Maximum Reverse Leakage Current
Vr=24V
-
0.004
0.2
mA
Maximum Reverse Leakage Current
Vr=24V,Tj=75℃
-
0.5
1
mA
4


Similar Part No. - AP6901AGSM-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6901AGSM-HF A-POWER-AP6901AGSM-HF_14 Datasheet
134Kb / 9P
   Simple Drive Requirement
More results

Similar Description - AP6901AGSM-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6901GSM-HF A-POWER-AP6901GSM-HF Datasheet
94Kb / 9P
   Simple Drive Requirement, DC-DC Converter Suitable
AP6900GSM A-POWER-AP6900GSM Datasheet
140Kb / 9P
   Simple Drive Requirement, DC-DC Converter Suitable
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com