Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5817-E Datasheet(PDF) 6 Page - Leshan Radio Company

Part # 1N5817-E
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N5817-E Datasheet(HTML) 6 Page - Leshan Radio Company

  1N5817-E Datasheet HTML 1Page - Leshan Radio Company 1N5817-E Datasheet HTML 2Page - Leshan Radio Company 1N5817-E Datasheet HTML 3Page - Leshan Radio Company 1N5817-E Datasheet HTML 4Page - Leshan Radio Company 1N5817-E Datasheet HTML 5Page - Leshan Radio Company 1N5817-E Datasheet HTML 6Page - Leshan Radio Company 1N5817-E Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
标题:
4 编带规格 brede spec
26/tape
35/tape
40/tape
42/tape
52/tape
52/tape#
W
26 0.0/+1.6 35 -1.0/+0.5 40 -1.0/+0.5 42 -1.0/+1.0 52 -1.0/+2.0 52 -1.0/+2.0
P
5±0.55±0.55±0.55±0.5
5±0.5
10±0.5
L1-L2
1.0
1.0
1.0
1.0
1.0
1.0
H
6±1.06±1.06±1.06±1.0
6±1.0
6±1.0
Z
1.0
1.0
1.0
1.0
1.0
1.0
R
1.0
1.0
1.0
1.0
1.0
1.0
T
3.5
3.5
3.5
3.5
3.5
3.5
注: 52编带# 为DO-201AD编带规格 "52编带#" just for D0-201AD
1. 红白编带厚度为0.05mm;两种胶带各自之间无明显色差;编带要求均为胶带。
The typing thickness is 0.05mm and color is obvious difference
2. 两端引带20~40cm. Typing lead over 20~40cm
3. 红色编带一端为二极管“负极”;白色编带一端为二极管“正极”。
red color is cathode ,white color is anode
4. 无卤 green epoxy compound(无卤产品才贴HF only)
尺寸代号
编带尺寸 typing dimension
第 3 页
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
Green


Similar Part No. - 1N5817-E

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Sangdest Microelectroni...
1N5817-5819 SMC-1N5817-5819 Datasheet
161Kb / 4P
   1.0 SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
1N5817-B DIODES-1N5817-B Datasheet
68Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 8 - 2
1N5817-B DIODES-1N5817-B Datasheet
46Kb / 3P
   Guard Ring Die Construction for Transient Protection
logo
DONGGUAN YOU FENG WEI E...
1N5817-DO41 YFWDIODE-1N5817-DO41 Datasheet
277Kb / 2P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
More results

Similar Description - 1N5817-E

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N5817 LRC-1N5817_12 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
logo
AiT Semiconductor Inc.
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
Leshan Radio Company
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
LMBR0530ET1G LRC-LMBR0530ET1G Datasheet
422Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com