Electronic Components Datasheet Search |
|
XPC860DTZP50D3 Datasheet(PDF) 7 Page - Motorola, Inc |
|
XPC860DTZP50D3 Datasheet(HTML) 7 Page - Motorola, Inc |
7 / 76 page MOTOROLA MPC860 Family Hardware Specifications 7 Thermal Characteristics Part IV Thermal Characteristics Table 4-3 shows the thermal characteristics for the MPC860. Table 3-2. Maximum Tolerated Ratings (GND = 0 V) Rating Symbol Value Unit Supply Voltage 1 1 The power supply of the device must start its ramp from 0.0 V. VDDH –0.3 to 4.0 V VDDL –0.3 to 4.0 V KAPWR –0.3 to 4.0 V VDDSYN –0.3 to 4.0 V Input Voltage 2 2 Functional operating conditions are provided with the DC electrical specifications in Table 6-5. Absolute maximum ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may affect device reliability or cause permanent damage to the device. Caution: All inputs that tolerate 5 V cannot be more than 2.5 V greater than the supply voltage. This restriction applies to power-up and normal operation (that is, if the MPC860 is unpowered, voltage greater than 2.5 V must not be applied to its inputs). Vin GND – 0.3 to VDDH V Temperature 3 (Standard) 3 Minimum temperatures are guaranteed as ambient temperature, T A. Maximum temperatures are guaranteed as junction temperature, Tj. TA(min) 0˚C Tj(max) 95 ˚C Temperature 3 (Extended) TA(min) –40 ˚C Tj(max) 95 ˚C Storage Temperature Range Tstg –55 to 150 ˚C Table 4-3. MPC860 Thermal Resistance Data Rating Environment Symbol Rev A Rev B, C, D Unit Junction to Ambient 1 1 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance. Natural Convection Single layer board (1s) RθJA 2 31 40 °C/W Four layer board (2s2p) RθJMA 3 20 25 Air Flow (200 ft/min) Single layer board (1s) RθJMA 3 26 32 Four layer board (2s2p) RθJMA 3 16 21 Junction to Board 4 RθJB 815 Junction to Case 5 RθJC 57 Junction to Package Top 6 Natural Convection ΨJT 12 Air Flow (200 ft/min) 2 3 |
Similar Part No. - XPC860DTZP50D3 |
|
Similar Description - XPC860DTZP50D3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |