Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4451GH-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4451GH-HF
Description  Low On-resistance, Simple Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4451GH-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4451GH-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4451GH-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4451GH-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4451GH-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low On-resistance
BVDSS
-30V
▼ Simple Drive Requirement
RDS(ON)
14mΩ
▼ Fast Switching Characteristic
ID
-45A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance Junction-case
3
℃/W
Rthj-a
62.5
℃/W
Data and specifications subject to change without notice
Parameter
Maximum Thermal Resistance, Junction-ambient (PCB mount)
3
-55 to 150
Thermal Data
-30
201204092
1
+20
-45
-55 to 150
41.7
2
AP4451GH-HF
Rating
Halogen-Free Product
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current, VGS @ 10V
Continuous Drain Current, VGS @ 10V
-28
Pulsed Drain Current
1
-160
Total Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
Total Power Dissipation
G
D
S
Advanced Power MOSFETs from APEC provide the designer with the
best combination of fast switching, ruggedized device design, low on-
resistance and cost-effectiveness.
The TO-252 package is widely preferred for commercial-industrial
surface mount applications and suited for low voltage applications such
as DC/DC converters.
G
D
S
TO-252(H)


Similar Part No. - AP4451GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4451GH-HF A-POWER-AP4451GH-HF_14 Datasheet
64Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP4451GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4880BGM-HF A-POWER-AP4880BGM-HF Datasheet
66Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP0403GM-HF A-POWER-AP0403GM-HF Datasheet
91Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP72T03GP-HF A-POWER-AP72T03GP-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Low On-resistance
AP83T02GH-HF A-POWER-AP83T02GH-HF Datasheet
103Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP4575GM-HF A-POWER-AP4575GM-HF Datasheet
79Kb / 7P
   Simple Drive Requirement, Low On-resistance
AP9470GM-HF A-POWER-AP9470GM-HF Datasheet
99Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP9560GH-HF A-POWER-AP9560GH-HF Datasheet
98Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP4232GM-HF A-POWER-AP4232GM-HF Datasheet
213Kb / 5P
   Low On-Resistance, Simple Drive Requirement
AP4532GM A-POWER-AP4532GM Datasheet
105Kb / 11P
   Simple Drive Requirement, Low On-resistance
AP4501AGEY-HF A-POWER-AP4501AGEY-HF Datasheet
124Kb / 7P
   Simple Drive Requirement, Low On-resistance
AP6679BGH-HF A-POWER-AP6679BGH-HF Datasheet
104Kb / 4P
   Low On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com