Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS181210T-3R3M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPS181210T-3R3M
Description  Shape & Dimensions / Recommended Solder Land Pattern
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPS181210T-3R3M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPS181210T-3R3M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.83
0.15
0.26
0.45
0.73
0.42
0.70
0.46
0.43
0.34
1.42
0.77
1.18
0.63
0.96
Frequency
DC Resistance(Ω)
Rated DC
Current(A)
F
(KHz)
Rdc
(Max.)
Idc1
(Max.)
Idc2
(Max.)
Operating Temperature Range
-40 ~ +85℃ (Including self-generated heat)
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
. Idc1(The saturation current) : △L≤ 30% reduction from initial L value
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
Test Condition
0.28
0.24
0.19
1.350
1.700
2.450
Packing style
Ordering Code
Inductance
LPS181210T-1R0N
LPS181210T-1R5M
1.5
1.0
Tol.
(%)
▼Electrical Characteristics
SMD Shielded Type
▼Shape & Dimensions / Recommended Solder Land Pattern
LPS181210 Series
LPS181210T-330M
33
L
(uH)
15
(Dimensions in mm)
4.000
100
±30
±20
0.390
Test Equipments
0.85
0.50
LPS181210T-150M
2.2
6.8
10
LPS181210T-6R8M
LPS181210T-100M
LPS181210T-2R2M
LPS181210T-4R7M
LPS181210T-3R3M
3.3
4.7
. L : Agilent E4980A Precision LCR Meter
T : Taping
. Rdc : HIOKI 3540 mΩ HiTESTER
0.190
0.250
0.460
0.580
0.750
LPS181210T-220M
22
http://www.abco.co.kr
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
16


Similar Part No. - LPS181210T-3R3M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPS181214 ABCO-LPS181214 Datasheet
110Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPS181214T-100M ABCO-LPS181214T-100M Datasheet
110Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPS181214T-150M ABCO-LPS181214T-150M Datasheet
110Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPS181214T-1R0M ABCO-LPS181214T-1R0M Datasheet
110Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPS181214T-1R5M ABCO-LPS181214T-1R5M Datasheet
110Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPS181210T-3R3M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPS181214 ABCO-LPS181214 Datasheet
110Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com